Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 44 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 39Page - STMicroelectronics LPS225HB Datasheet HTML 40Page - STMicroelectronics LPS225HB Datasheet HTML 41Page - STMicroelectronics LPS225HB Datasheet HTML 42Page - STMicroelectronics LPS225HB Datasheet HTML 43Page - STMicroelectronics LPS225HB Datasheet HTML 44Page - STMicroelectronics LPS225HB Datasheet HTML 45Page - STMicroelectronics LPS225HB Datasheet HTML 46Page - STMicroelectronics LPS225HB Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Register description
LPS225HB
44/47
DocID030115 Rev 2
8.20
PRESS_OUT_H (2Ah)
Pressure data (MSB)
Address:
2Ah (R)
Description:
The PRESS_OUT_H register contains the highest part of the pressure output value.
(See PRESS_OUT_XL (28h) description).
[23:16] POUT23 - POUT16: Pressure data MSB
8.21
TEMP_OUT_L (2Bh)
Temperature data (LSB)
Address:
2Bh (R)
Description:
The TEMP_OUT_L register contains the low part of the temperature output value.
Temperature data are expressed as PRESS_OUT_H (2Ah) & TEMP_OUT_L (2Bh) as
2’s complement numbers.
8.22
TEMP_OUT_H (2Ch)
Temperature data (MSB)
Address:
2Ch (R)
Description:
The TEMP_OUT_H register contains the high part of the temperature output value.
(See TEMP_OUT_L (2Bh)description).
[15:8] TOUT15 - TOUT8: Temperature data.
23
22
21
20
19
18
17
16
POUT23
POUT22
POUT21
POUT20
POUT19
POUT18
POUT17
POUT16
7
6
54321
0
TOUT7
TOUT6
TOUT5
TOUT4
TOUT3
TOUT2
TOUT1
TOUT0
15
14
13
12
11
10
9
8
TOUT15
TOUT14
TOUT13
TOUT12
TOUT11
TOUT10
TOUT9
TOUT8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com