Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 31 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 27Page - STMicroelectronics LPS225HB Datasheet HTML 28Page - STMicroelectronics LPS225HB Datasheet HTML 29Page - STMicroelectronics LPS225HB Datasheet HTML 30Page - STMicroelectronics LPS225HB Datasheet HTML 31Page - STMicroelectronics LPS225HB Datasheet HTML 32Page - STMicroelectronics LPS225HB Datasheet HTML 33Page - STMicroelectronics LPS225HB Datasheet HTML 34Page - STMicroelectronics LPS225HB Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
DocID030115 Rev 2
31/47
LPS225HB
Register description
47
8
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
pressure and temperature data. The register address, made up of 7 bits, is used to identify
them and to read/write the data through the serial interface.
8.1
INTERRUPT_CFG (0Bh)
Interrupt configuration
Address:
0Bh (R/W)
Reset:
00h
Description:
Interrupt differential configuration register. See DIFF_EN bit in CTRL_REG1 (10h)
[7] AUTORIFP: Enable AutoRifP. Default value: 0
(0: normal mode; 1: AutoRifP enable);
[6] RESET_ARP: Reset AutoRifP function. Default value: 0
[5] AUTOZERO: Enable Autozero. Default value: 0
(0: normal mode; 1: Autozero enable)
[4] RESET_AZ: Reset Autozero function. Reset RIF_P reg. (address 15h, 16h, 17h),
set pressure reference to default value RPDS reg (address 18h, 19h).
Default value: 0
[3] DIFF_EN: Enable interrupt generation. Default value: 0
(0: interrupt generation disabled; 1: interrupt generation enabled)
[2] LIR: Latch interrupt request to the INT_SOURCE (25h) register. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
[1] PLE: Enable interrupt generation on differential pressure low event.
Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured differential
pressure value lower than preset threshold)
[0] PHE: Enable interrupt generation on differential pressure high event.
Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured differential
pressure value higher than preset threshold)
AUTORIFP, when written to ‘1’, an internal register is set with current pressure values and
the bit is forced to ‘0’. From that point on the content of the internal register is subtracted
from the pressure output value and result is used for the interrupt generation. The output
registers (PRESS_OUT_XL (28h), PRESS_OUT_L (29h), PRESS_OUT_H (2Ah)) are
updated with the actual pressure value.
The RESET_ARP bit is used to disable the AutoRifP function. RESET_ARP is self-cleared.
7
6
54321
0
AUTORIFP
RESET_ARP
AUTOZERO
RESET_AZ
DIFF_EN
LIR
PLE
PHE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com