Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 32 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 28Page - STMicroelectronics LPS225HB Datasheet HTML 29Page - STMicroelectronics LPS225HB Datasheet HTML 30Page - STMicroelectronics LPS225HB Datasheet HTML 31Page - STMicroelectronics LPS225HB Datasheet HTML 32Page - STMicroelectronics LPS225HB Datasheet HTML 33Page - STMicroelectronics LPS225HB Datasheet HTML 34Page - STMicroelectronics LPS225HB Datasheet HTML 35Page - STMicroelectronics LPS225HB Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Register description
LPS225HB
32/47
DocID030115 Rev 2
AUTOZERO, when set to ‘1’, the actual pressure output value is copied in the REF_P
registers. From that point on, the content of the Ref_P registers is subtracted from the
pressure output value. To disable autozero, the REF_P registers have to be cleared.
The RESET_AZ bit is used to reset the AutoZero function. Resetting REF_P reg (15h, 16h,
17h) sets the pressure reference to the default value in the RPDS reg (18h, 19h).
RESET_AZ is self-cleared.
The DIFF_EN bit is used to enable the computing of the differential pressure output. It is
recommended to enable DIFF_EN after the configuration of REF_P_x and THS_P_x.
8.2
THS_P_L (0Ch)
Threshold pressure (LSB)
Address:
0Ch (R/W)
Reset:
00h
Description:
This register contains the low part of threshold value for pressure interrupt generation.
The complete threshold value is given by THS_P_H (0Dh) & THS_P_L (0Ch) and is
expressed as an unsigned number. P_ths (hPa) = (THS_P)/16.
[7:0] THS7-0: LSB threshold pressure.
8.3
THS_P_H (0Dh)
Threshold pressure (MSB)
Address:
0Dh (R/W)
Reset:
00h
Description:
This register contains the high part of threshold value for pressure interrupt
generation. (See description THS_P_L (0Ch)).
[15:8] THS15-8: MSB threshold pressure.
7
654321
0
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
15
14
13
12
11
10
9
8
THS15
THS14
THS13
THS12
THS11
THS10
THS9
THS8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com