Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 35 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 31Page - STMicroelectronics LPS225HB Datasheet HTML 32Page - STMicroelectronics LPS225HB Datasheet HTML 33Page - STMicroelectronics LPS225HB Datasheet HTML 34Page - STMicroelectronics LPS225HB Datasheet HTML 35Page - STMicroelectronics LPS225HB Datasheet HTML 36Page - STMicroelectronics LPS225HB Datasheet HTML 37Page - STMicroelectronics LPS225HB Datasheet HTML 38Page - STMicroelectronics LPS225HB Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
DocID030115 Rev 2
35/47
LPS225HB
Register description
47
8.6
CTRL_REG2 (11h)
Address:
11h (R/W)
Reset:
10h
Description:
Control register.
[7] BOOT: Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content) Self-clearing upon completion.
[6] FIFO_EN: FIFO Enable. Default value: 0
(0: disable; 1: enable)
[5] STOP_ON_FTH: Stop on FIFO threshold. Enable FIFO watermark level use. Default
value: 0
(0: disable; 1: enable)
[4] IF_ADD_INC: Register address automatically incremented during a multiple byte
access with a serial interface (I2C or SPI). Default value: 1
(0: disable; 1 enable)
[3] I2C_DIS: disable I2C interface. Default value: 0
(0: SPI enable;1: I2C disable)
[2] SWRESET: Software reset. Default value: 0
(0: normal mode; 1: software reset) Self-clearing upon completion
[1] Reserved: this bit must be set to ‘0’ for the correct operation of the device
[0] ONE_SHOT: One shot enable. Default value: 0
(0: waiting for start of conversion; 1: start of a new dataset)
Description:
The BOOT bit is used to refresh the content of the internal registers stored in the
Flash memory block. At device power-up the content of the Flash memory block is
transferred to the internal registers related to the trimming functions to permit good
behavior of the device itself. If for any reason the content of the trimming registers is
modified, it is sufficient to use this bit to restore the correct values. When the BOOT bit
is set to ‘1’, the content of the internal Flash is copied inside the corresponding internal
registers and is used to calibrate the device. These values are factory trimmed and
they are different for every device. They permit good behavior of the device and
normally they should not be changed. At the end of the boot process the BOOT bit is
set again to ‘0’ by hardware. The BOOT bit takes effect after one ODR clock cycle.
The SWRESET bit resets the following registers to the default value and returns to
‘0’ by hardware. During a software reset FIFO content is flushed.
76
5
4
3
2
1
0
BOOT
FIFO_EN
STOP_ON_FTH
IF_ADD_INC
I²C_DIS
SWRESET
0
ONE_SHOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com