Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 37 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 33Page - STMicroelectronics LPS225HB Datasheet HTML 34Page - STMicroelectronics LPS225HB Datasheet HTML 35Page - STMicroelectronics LPS225HB Datasheet HTML 36Page - STMicroelectronics LPS225HB Datasheet HTML 37Page - STMicroelectronics LPS225HB Datasheet HTML 38Page - STMicroelectronics LPS225HB Datasheet HTML 39Page - STMicroelectronics LPS225HB Datasheet HTML 40Page - STMicroelectronics LPS225HB Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
DocID030115 Rev 2
37/47
LPS225HB
Register description
47
8.7
CTRL_REG3 (12h)
Interrupt control
Address:
12h (R/W)
Reset:
00h
Description:
Control register.
[7] INT_H_L: Interrupt active high, low. Default value: 0
(0: active high; 1: active low)
[6] PP_OD: Push-pull/open-drain selection on interrupt pads. Default value: 0
(0: push-pull; 1: open drain)
[5] F_FSS5: FIFO full flag on INT_DRDY pin;
(0: FIFO empty; 1: FIFO full (32 unread samples)).
[4] F_FTH: FIFO threshold (watermark) status on INT_DRDY pin;
(0: FIFO filling is lower than FTH level; 1: FIFO filling is equal or higher than FTH
level)
[3] F_OVR: FIFO overrun bit status; OVRN=‘1’ means that at least one sample in the
FIFO has been overwritten
[2] DRDY: Data-ready signal on INT_DRDY pin
[1:0] INT_S2, INT_S1: data signal on INT_DRDY pin control bits. Default value: 00
(see Table 19)
76
5
4
3
2
1
0
INT_H_L
PP_OD
F_FSS5
F_FTH
F_OVR
DRDY
INT_S2
INT_S1
Table 19. Interrupt configurations
INT_S2
INT_S1
INT_DRDY pin
00
Data signal (in order of priority: DRDY or F_FTH or
F_OVR or F_FSS5)
0
1
Pressure high (P_high)
1
0
Pressure low (P_low)
1
1
Pressure low OR high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com