Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 33 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 29Page - STMicroelectronics LPS225HB Datasheet HTML 30Page - STMicroelectronics LPS225HB Datasheet HTML 31Page - STMicroelectronics LPS225HB Datasheet HTML 32Page - STMicroelectronics LPS225HB Datasheet HTML 33Page - STMicroelectronics LPS225HB Datasheet HTML 34Page - STMicroelectronics LPS225HB Datasheet HTML 35Page - STMicroelectronics LPS225HB Datasheet HTML 36Page - STMicroelectronics LPS225HB Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
DocID030115 Rev 2
33/47
LPS225HB
Register description
47
8.4
WHO_AM_I (0Fh)
Device Who am I
Address:
0Fh (R)
Description:
Contains the device Who am I address (B1h).
8.5
CTRL_REG1 (10h)
Control register 1
Address:
10h (R/W)
Reset:
00h
Description:
Control register.
[7] Reserved: this bit must be set to ‘0’ for the correct operation of the device
[6:4] ODR2, ODR1, ODR0: output data rate selection.
Default value: 000 (see Table 16)
[3] EN_LPFP: Enable low-pass filter on pressure data. Default value: 0
(0: Low-pass filter disabled; 1: Low-pass filter enabled)
[2] LPF_CFG: Low-pass configuration register. Default value: 0 (see Table 17)
[1] BDU: block data update.
Default value: 0
(0: continuous update; 1: output registers not updated until MSB and LSB have
been read)
[0] SIM: SPI Serial Interface Mode selection.
Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
7
6
54321
0
1
0
11000
1
7
6
54321
0
0
ODR2
ODR1
ODR0
EN_LPFP
LPF_CFG
BDU
SIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com