Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 40 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 36Page - STMicroelectronics LPS225HB Datasheet HTML 37Page - STMicroelectronics LPS225HB Datasheet HTML 38Page - STMicroelectronics LPS225HB Datasheet HTML 39Page - STMicroelectronics LPS225HB Datasheet HTML 40Page - STMicroelectronics LPS225HB Datasheet HTML 41Page - STMicroelectronics LPS225HB Datasheet HTML 42Page - STMicroelectronics LPS225HB Datasheet HTML 43Page - STMicroelectronics LPS225HB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Register description
LPS225HB
40/47
DocID030115 Rev 2
8.12
RPDS_L (18h)
Pressure offset (LSB)
Address:
18h (R/W)
Reset:
00h
Description:
This register contains the low part of the pressure offset value after soldering, for
differential pressure computing. The complete value is given by RPDS_H (19h) and
RPDS_L (18h) and is expressed as signed 2’s complement value.
[7:0] RPDS7-0: Pressure offset for one-point calibration after soldering
8.13
RPDS_H (19h)
Pressure offset (MSB)
Address:
19h (R/W)
Reset:
00h
Description:
This register contains the high part of the pressure offset value after soldering (see
description RPDS_L (18h))
[15:8] RPDS15-8: Pressure offset for one-point calibration after soldering.
8.14
RES_CONF (1Ah)
Address:
1Ah (R/W)
Reset:
00h
Description:
This register allows enabling low-power mode)
[7:2] Reserved: this bit must be set to ‘0’ for the correct operation of the device
[1] Reserved: the content of this register must not be modified
[0] LC_EN: Enable low-current mode. Default: 0
(0: Normal mode (low-noise mode); 1: low-current mode).
7
654321
0
RPDS7
RPDS6
RSPDS5
RPDS4
RPDS3
RPDS2
RPDS1
RPDS0
15
14
13
12
11
10
9
8
RPDS15
RPDS14
RSPDS13
RPDS12
RPDS11
RPDS10
RPDS9
RPDS8
7
654321
0
0
00000
--
LC_EN(1)
1. The LC_EN bit must be changed only with the device in power-down and not during operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com