Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 15 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 11Page - STMicroelectronics LPS225HB Datasheet HTML 12Page - STMicroelectronics LPS225HB Datasheet HTML 13Page - STMicroelectronics LPS225HB Datasheet HTML 14Page - STMicroelectronics LPS225HB Datasheet HTML 15Page - STMicroelectronics LPS225HB Datasheet HTML 16Page - STMicroelectronics LPS225HB Datasheet HTML 17Page - STMicroelectronics LPS225HB Datasheet HTML 18Page - STMicroelectronics LPS225HB Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
DocID030115 Rev 2
15/47
LPS225HB
FIFO
47
4.2
FIFO mode
In FIFO mode (FIFO_CTRL (14h)(FMODE2:0) = 001) data from the output
PRESS_OUT_XL (28h), PRESS_OUT_L (29h), PRESS_OUT_H (2Ah) and TEMP_OUT_L
(2Bh), TEMP_OUT_H (2Ch) are stored in the FIFO until it is overwritten.
To reset FIFO content, in Bypass mode the value '000' must be written in FIFO_CTRL
(14h)(FMODE2:0). After this reset command, it is possible to restart FIFO mode writing the
value '001' in FIFO_CTRL (14h)(FMODE2:0).
The FIFO buffer memorizes 32 levels of data but the depth of the FIFO can be resized by
setting the CTRL_REG2 (11h)(STOP_ON_FTH) bit. If the STOP_ON_FTH bit is set to '1',
FIFO depth is limited to FIFO_CTRL (14h)(WTM4:0) + 1 data.
A FIFO threshold interrupt can be enabled (F_OVR bit in CTRL_REG3 (12h) in order to be
raised when the FIFO is filled to the level specified by the WTM4:0 bits of FIFO_CTRL
(14h). When a FIFO threshold interrupt occurs, the first data has been overwritten and the
FIFO stops collecting data from the input pressure and temperature.
Figure 6. FIFO mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com