Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 42 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 38Page - STMicroelectronics LPS225HB Datasheet HTML 39Page - STMicroelectronics LPS225HB Datasheet HTML 40Page - STMicroelectronics LPS225HB Datasheet HTML 41Page - STMicroelectronics LPS225HB Datasheet HTML 42Page - STMicroelectronics LPS225HB Datasheet HTML 43Page - STMicroelectronics LPS225HB Datasheet HTML 44Page - STMicroelectronics LPS225HB Datasheet HTML 45Page - STMicroelectronics LPS225HB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Register description
LPS225HB
42/47
DocID030115 Rev 2
8.17
STATUS (27h)
Status register
Address:
27h (R)
Reset:
00h
[7:6] Reserved
[5] T_OR: Temperature data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for temperature has overwritten the previous
data)
[4] P_OR: Pressure data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for pressure has overwritten the previous
data)
[3:2] Reserved
[1] T_DA: Temperature data available. Default value: 0
(0: new data for temperature is not yet available; 1: new data for temperature is
available)
[0] P_DA: Pressure data available. Default value: 0
(0: new data for pressure is not yet available; 1: new data for pressure is available)
This register is updated every ODR cycle, regardless of the BDU value in CTRL_REG1
(10h).
T_OR is set to ‘1’ whenever new temperature data is available and T_DA was set in the
previous ODR cycle and not cleared. T_OR is cleared when TEMP_OUT_H (2Ch) is read.
P_OR is set to '1' whenever new pressure data is available and P_DA was set in the
previous ODR cycle and not cleared. P_OR is cleared when PRESS_OUT_H (2Ah) is read.
Table 21. FIFO_STATUS example: OVR/FSS details
FTH
OVRN
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
Description
0
0
0
0
0
0
0
0
FIFO empty
--(1)
1. When the number of unread samples in FIFO is greater than the threshold level set in register FIFO_CTRL
(14h), the FTH value is ‘1’.
0
0
0
0
0
0
1
1 unread sample
...
--(1)
0
1
0
0
0
0
0
32 unread samples
1
1
1
0
0
0
0
0
At least one sample has
been overwritten
7
6
54321
0
RES
T_OR
P_OR
RES
T_DA
P_DA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com