Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 43 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 39Page - STMicroelectronics LPS225HB Datasheet HTML 40Page - STMicroelectronics LPS225HB Datasheet HTML 41Page - STMicroelectronics LPS225HB Datasheet HTML 42Page - STMicroelectronics LPS225HB Datasheet HTML 43Page - STMicroelectronics LPS225HB Datasheet HTML 44Page - STMicroelectronics LPS225HB Datasheet HTML 45Page - STMicroelectronics LPS225HB Datasheet HTML 46Page - STMicroelectronics LPS225HB Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
DocID030115 Rev 2
43/47
LPS225HB
Register description
47
T_DA is set to 1 whenever a new temperature sample is available. T_DA is cleared when
TEMP_OUT_H (2Ch) is read.
P_DA is set to 1 whenever a new pressure sample is available. P_DA is cleared when
PRESS_OUT_H (2Ah) register is read.
8.18
PRESS_OUT_XL (28h)
Pressure data (LSB)
Address:
28h (R)
Description:
The PRESS_OUT_XL register contains the lowest part of the pressure output value,
that is, the difference between the measured pressure and the reference pressure
(REF_P registers). See AUTOZERO bit in INTERRUPT_CFG (0Bh).The full
reference pressure value is composed of PRESS_OUT_H/_L/_XL and is represented
as 2’s complement. Pressure values exceeding the operating pressure range (see
Table 3) are clipped.
[7:0] POUT7 - POUT0: Pressure data LSB
8.19
PRESS_OUT_L (29h)
Pressure data (middle byte)
Address:
29h (R)
Description:
The PRESS_OUT_L register contains the middle part of the pressure output value.
(See PRESS_OUT_XL (28h) description).
[15:8] POUT15 - POUT8: Pressure data
76
543
2
10
POUT7
POUT6
POUT5
POUT4
POUT3
POUT2
POUT1
POUT0
15
14
13
12
11
10
9
8
POUT15
POUT14
POUT13
POUT12
POUT11
POUT10
POUT9
POUT8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com