Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 52 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 48Page - STMicroelectronics LSM6DS0 Datasheet HTML 49Page - STMicroelectronics LSM6DS0 Datasheet HTML 50Page - STMicroelectronics LSM6DS0 Datasheet HTML 51Page - STMicroelectronics LSM6DS0 Datasheet HTML 52Page - STMicroelectronics LSM6DS0 Datasheet HTML 53Page - STMicroelectronics LSM6DS0 Datasheet HTML 54Page - STMicroelectronics LSM6DS0 Datasheet HTML 55Page - STMicroelectronics LSM6DS0 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
Register description
LSM6DS0
52/59
DocID025604 Rev 3
7.35
INT_GEN_CFG_G (30h)
Angular rate sensor interrupt generator configuration register.
Table 85. INT_GEN_CFG_G register description
Table 83. FIFO_SRC example: OVR/FSS details
FTH
OVRN
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
Description
0
0
000000
FIFO empty
--(1)
1. When the number of unread samples in FIFO is greater than the threshold level set in register FIFO_CTRL
(2Eh), the FTH value is ‘1’.
0
0
000011 unread sample
...
--(1)
0
1
0000032 unread sample
1
1
100000
At least one sample has
been overwritten
Table 84. INT_GEN_CFG_G register
AOI_G
LIR_G
ZHIE_G
ZLIE_G
YHIE_G
YLIE_G
XHIE_G
XLIE_G
AOI_G
AND/OR combination of gyroscope’s interrupt events. Default value: 0
(0: OR combination; 1: AND combination)
LIR_G
Latch gyroscope interrupt request. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
ZHIE_G
Enable interrupt generation on gyroscope’s yaw (Z) axis high event. Default value: 0
(0: disable interrupt request; 1: interrupt request on measured angular rate value
higher than preset threshold)
ZLIE_G
Enable interrupt generation on gyroscope’s yaw (Z) axis low event. Default value: 0
(0: disable interrupt request; 1: interrupt request on measured angular rate value lower
than preset threshold)
YHIE_G
Enable interrupt generation on gyroscope’s roll (Y) axis high event. Default value: 0
(0: disable interrupt request; 1: interrupt request on measured angular rate value
higher than preset threshold)
YLIE_G
Enable interrupt generation on gyroscope’s roll (Y) axis low event. Default value: 0
(0: disable interrupt request; 1: interrupt request on measured angular rate value lower
than preset threshold)
XHIE_G
Enable interrupt generation on gyroscope’s pitch (X) axis high event. Default value: 0
(0: disable interrupt request; 1: interrupt request on measured angular rate value
higher than preset threshold)
XLIE_G
Enable interrupt generation on gyroscope’s pitch (X) axis low event. Default value: 0
(0: disable interrupt request; 1: interrupt request on measured angular rate value lower
than preset threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com