Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 34 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 30Page - STMicroelectronics LSM6DS0 Datasheet HTML 31Page - STMicroelectronics LSM6DS0 Datasheet HTML 32Page - STMicroelectronics LSM6DS0 Datasheet HTML 33Page - STMicroelectronics LSM6DS0 Datasheet HTML 34Page - STMicroelectronics LSM6DS0 Datasheet HTML 35Page - STMicroelectronics LSM6DS0 Datasheet HTML 36Page - STMicroelectronics LSM6DS0 Datasheet HTML 37Page - STMicroelectronics LSM6DS0 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
Register mapping
LSM6DS0
34/59
DocID025604 Rev 3
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
To guarantee proper behavior of the device, all register addresses not listed in the above
table must not be accessed and the content stored on those registers must not be changed.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
CTRL_REG7_XL
r/w
21
00100001
00000000
CTRL_REG8
r/w
22
00100010
00000100
CTRL_REG9
r/w
23
00100011
00000000
CTRL_REG10
r/w
24
00100100
00000000
Reserved
--
25
--
--
Reserved
INT_GEN_SRC_XL
r
26
00100110
output
STATUS_REG
r
27
00100111
output
OUT_X_L_XL
r
28
00101000
output
OUT_X_H_XL
r
29
00101001
output
OUT_Y_L_XL
r
2A
00101010
output
OUT_Y_H_XL
r
2B
00101011
output
OUT_Z_L_XL
r
2C
00101100
output
OUT_Z_H_XL
r
2D
00101101
output
FIFO_CTRL
r/w
2E
00101110
00000000
FIFO_SRC
r
2F
00101111
output
INT_GEN_CFG_G
r/w
30
00110000
00000000
INT_GEN_THS_XH_G
r/w
31
00110001
00000000
INT_GEN_THS_XL_G
r/w
32
00110010
00000000
INT_GEN_THS_YH_G
r/w
33
00110011
00000000
INT_GEN_THS_YL_G
r/w
34
00110100
00000000
INT_GEN_THS_ZH_G
r/w
35
00110101
00000000
INT_GEN_THS_ZL_G
r/w
36
00110110
00000000
INT_GEN_DUR_G
r/w
37
00110111
00000000
Reserved
r
38-7F
--
--
Reserved
Table 20. Register mapping (continued)
Name
Type
Register address
Default
Note
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com