Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 42 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 38Page - STMicroelectronics LSM6DS0 Datasheet HTML 39Page - STMicroelectronics LSM6DS0 Datasheet HTML 40Page - STMicroelectronics LSM6DS0 Datasheet HTML 41Page - STMicroelectronics LSM6DS0 Datasheet HTML 42Page - STMicroelectronics LSM6DS0 Datasheet HTML 43Page - STMicroelectronics LSM6DS0 Datasheet HTML 44Page - STMicroelectronics LSM6DS0 Datasheet HTML 45Page - STMicroelectronics LSM6DS0 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
Register description
LSM6DS0
42/59
DocID025604 Rev 3
7.14
ORIENT_CFG_G (13h)
Angular rate sensor sign and orientation register.
Table 49. ORIENT_CFG_G register
Table 50. ORIENT_CFG_G register description
Table 48. Gyroscope high-pass filter cutoff frequency configuration [Hz](1)
HPCF_G [3:0] ODR= 14.9 Hz ODR= 59.5 Hz ODR= 119 Hz
ODR= 238 Hz ODR= 476 Hz ODR= 952 Hz
0000
1
4
8
15
30
57
0001
0.5
2
4
8
15
30
0010
0.2
1
2
4
8
15
0011
0.1
0.5
1
2
4
8
0100
0.05
0.2
0.5
1
2
4
0101
0.02
0.1
0.2
0.5
1
2
0110
0.01
0.05
0.1
0.2
0.5
1
0111
0.005
0.02
0.05
0.1
0.2
0.5
1000
0.002
0.01
0.02
0.05
0.1
0.2
1001
0.001
0.005
0.01
0.02
0.05
0.1
1. Values in the table are indicative and can vary proportionally with the specific ODR value.
0(1)
0(1)
SignX_G
SignY_G
SignZ_G
Orient_2
Orient_1
Orient_0
1. These bits must be set to ‘0’ for the correct operation of the device
SignX_G
Pitch axis (X) angular rate sign. Default value: 0
(0: positive sign; 1: negative sign)
SignY_G
Roll axis (Y) angular rate sign. Default value: 0.
(0: positive sign; 1: negative sign)
SignZ_G
Yaw axis (Z) angular rate sign. Default value: 0.
(0: positive sign; 1: negative sign)
Orient [2:0]
Directional user orientation selection. Default value: 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com