Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 20 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 16Page - STMicroelectronics LSM6DS0 Datasheet HTML 17Page - STMicroelectronics LSM6DS0 Datasheet HTML 18Page - STMicroelectronics LSM6DS0 Datasheet HTML 19Page - STMicroelectronics LSM6DS0 Datasheet HTML 20Page - STMicroelectronics LSM6DS0 Datasheet HTML 21Page - STMicroelectronics LSM6DS0 Datasheet HTML 22Page - STMicroelectronics LSM6DS0 Datasheet HTML 23Page - STMicroelectronics LSM6DS0 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
Functionality
LSM6DS0
20/59
DocID025604 Rev 3
3.3
Multiple reads (burst)
When only the accelerometer is activated and the gyroscope is in power down, starting from
OUT_X_XL (28h - 29h) multiple reads can be performed. Once OUT_Z_XL (2Ch - 2Dh) is
read, the system automatically restarts from OUT_X_XL (28h - 29h) (see Figure 6).
Figure 6. Multiple reads: accelerometer only
When both accelerometer and gyroscope sensors are activated at the same ODR, starting
from OUT_X_G (18h - 19h) multiple reads can be performed. Once OUT_Z_XL (2Ch - 2Dh)
is read, the system automatically restarts from OUT_X_G (18h - 19h) (see Figure 7).
Figure 7. Multiple reads: accelerometer and gyroscope
Table 12. Gyroscope turn-on time
ODR [Hz]
LPF1 only(1)
1. The table contains the number of samples to be discarded after switching between low-power mode and
normal mode.
LPF1 and LPF2(1)
14.9
2
LPF2 not available
59.5 or 119
3
13
238
4
14
476
5
15
952
8
18
x,y,z
OUT_Z_XL
Read #1
(2C-2D)
(2A-2B)
OUT_Y_XL
(28-29)
OUT_X_XL
x,y,z
Read #n
OUT_Z_XL
(2C-2D)
(2A-2B)
OUT_Y_XL
(28-29)
OUT_X_XL
(15-16)
OUT_TEMP
x,y,z
OUT_Z_XL
Read #1
(2C-2D)
(2A-2B)
OUT_Y_XL
(28-29)
OUT_X_XL
x,y,z
Read #n
OUT_Z_G
(1C-1D)
(1A-1B)
OUT_Y_G
(18-19)
OUT_X_G
OUT_Z_XL
(2C-2D)
(2A-2B)
OUT_Y_XL
(28-29)
OUT_X_XL
OUT_Z_G
(1C-1D)
(1A-1B)
OUT_Y_G
(18-19)
OUT_X_G
(15-16)
OUT_TEMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com