Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 38 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 34Page - STMicroelectronics LSM6DS0 Datasheet HTML 35Page - STMicroelectronics LSM6DS0 Datasheet HTML 36Page - STMicroelectronics LSM6DS0 Datasheet HTML 37Page - STMicroelectronics LSM6DS0 Datasheet HTML 38Page - STMicroelectronics LSM6DS0 Datasheet HTML 39Page - STMicroelectronics LSM6DS0 Datasheet HTML 40Page - STMicroelectronics LSM6DS0 Datasheet HTML 41Page - STMicroelectronics LSM6DS0 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
Register description
LSM6DS0
38/59
DocID025604 Rev 3
7.9
INT_CTRL (0Ch)
INT pin control register.
Table 37. INT_CTRL register
Table 38. INT_CTRL register description
7.10
WHO_AM_I (0Fh)
Who_AM_I register.
7.11
CTRL_REG1_G (10h)
Angular rate sensor control register 1.
Table 40. CTRL_REG1_G register
INT_IG _G INT_IG_XL INT_ FSS5
INT_OVR
INT_FTH
INT_ Boot
INT_ DRDY_G
INT_
DRDY_XL
INT_IG_G
Gyroscope interrupt enable on INT pin. Default value: 0
(0: disabled; 1: enabled)
INT_ IG_XL
Accelerometer interrupt generator on INT pin. Default value: 0
(0: disabled; 1: enabled)
INT_ FSS5
FSS5 interrupt enable on INT pin. Default value: 0
(0: disabled; 1: enabled)
INT_OVR
Overrun interrupt on INT pin. Default value: 0
(0: disabled; 1: enabled)
INT_FTH
FIFO threshold interrupt on INT pin. Default value: 0
(0: disabled; 1: enabled)
INT_ Boot
Boot status available on INT pin. Default value: 0
(0: disabled; 1: enabled)
INT_DRDY_G
Gyroscope data ready on INT pin. Default value: 0
(0: disabled; 1: enabled)
INT_DRDY_XL
Accelerometer data ready on INT pin. Default value: 0
(0: disabled; 1: enabled)
Table 39. WHO_AM_I register
01101000
ODR_G2
ODR_G1
ODR_G0
FS_G1
FS_G0
0(1)
BW_G1
BW_G0
1. This bit must be set to ‘0’ for the correct operation of the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com