Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 35 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 31Page - STMicroelectronics LSM6DS0 Datasheet HTML 32Page - STMicroelectronics LSM6DS0 Datasheet HTML 33Page - STMicroelectronics LSM6DS0 Datasheet HTML 34Page - STMicroelectronics LSM6DS0 Datasheet HTML 35Page - STMicroelectronics LSM6DS0 Datasheet HTML 36Page - STMicroelectronics LSM6DS0 Datasheet HTML 37Page - STMicroelectronics LSM6DS0 Datasheet HTML 38Page - STMicroelectronics LSM6DS0 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
DocID025604 Rev 3
35/59
LSM6DS0
Register description
59
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
linear acceleration, angular rate and temperature data. The register addresses, consisting
of 7 bits, are used to identify them and to write the data through the serial interface.
7.1
ACT_THS (04h)
Activity threshold register.
Table 22. ACT_THS register description
7.2
ACT_DUR (05h)
Inactivity duration register.
Table 24. ACT_DUR register description
7.3
INT_GEN_CFG_XL (06h)
Linear acceleration sensor interrupt generator configuration register.
Table 21. ACT_THS register
SLEEP_ON
_INACT_EN
ACT_THS6
ACT_THS5
ACT_THS4
ACT_THS3
ACT_THS2 ACT_THS1 ACT_THS0
SLEEP_ON_
INACT_EN
Gyroscope operating mode during inactivity. Default value: 0
(0: Gyroscope in power-down; 1: Gyroscope in sleep mode)
ACT_THS [6:0]
Inactivity threshold. Default value: 000 0000
Table 23. ACT_DUR register
ACT_DUR7 ACT_DUR6 ACT_DUR5 ACT_DUR4 ACT_DUR3 ACT_DUR2 ACT_DUR1 ACT_DUR0
ACT_DUR [7:0]
Inactivity duration. Default value: 0000 0000
Table 25. INT_GEN_CFG_XL register
AOI_XL
6D
ZHIE_XL
ZLIE_XL
YHIE_XL
YLIE_XL
XHIE_XL
XLIE_XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com