Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 8Page - STMicroelectronics LSM6DS0 Datasheet HTML 9Page - STMicroelectronics LSM6DS0 Datasheet HTML 10Page - STMicroelectronics LSM6DS0 Datasheet HTML 11Page - STMicroelectronics LSM6DS0 Datasheet HTML 12Page - STMicroelectronics LSM6DS0 Datasheet HTML 13Page - STMicroelectronics LSM6DS0 Datasheet HTML 14Page - STMicroelectronics LSM6DS0 Datasheet HTML 15Page - STMicroelectronics LSM6DS0 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
Module specifications
LSM6DS0
12/59
DocID025604 Rev 3
2.2
Electrical characteristics
@ Vdd = 2.2 V, T = 25 °C unless otherwise noted
Table 4. Electrical characteristics
2.2.1
Recommended power-up sequence
For the power-up sequence please refer to the following figure, where:
Trise is the time for the power supply to rise from 10% to 90% of its final value
Twait is the time delay between the end of the Vdd_IO ramp (90% of its final value)
and the start of the Vdd ramp
Figure 2. Recommended power-up sequence
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
1.71
3.6
V
Vdd_IO Power supply for I/O
1.71
Vdd + 0.1
V
LA_Idd
Accelerometer current consumption in
normal mode
ODR = 10 Hz
60
μA
ODR = 50 Hz
160
ODR
 119 Hz
330
G_Idd
Gyroscope current consumption in
normal mode
4.0
mA
Top
Operating temperature range
-40
+85
°C
Trise
Time for power supply rising(2)
0.01
100
ms
Twait
Time delay between Vdd_IO and Vdd (2)
010
ms
1. Typical specifications are not guaranteed.
2. Please refer to Section 2.2.1: Recommended power-up sequence for more details.
Trise
Twait
Trise
0V
0V
Vdd_IO
Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com