Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 47 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 43Page - STMicroelectronics LSM6DS0 Datasheet HTML 44Page - STMicroelectronics LSM6DS0 Datasheet HTML 45Page - STMicroelectronics LSM6DS0 Datasheet HTML 46Page - STMicroelectronics LSM6DS0 Datasheet HTML 47Page - STMicroelectronics LSM6DS0 Datasheet HTML 48Page - STMicroelectronics LSM6DS0 Datasheet HTML 49Page - STMicroelectronics LSM6DS0 Datasheet HTML 50Page - STMicroelectronics LSM6DS0 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
DocID025604 Rev 3
47/59
LSM6DS0
Register description
59
7.24
CTRL_REG7_XL (21h)
Linear acceleration sensor control register 7.
7.25
CTRL_REG8 (22h)
Control register 8.
Table 65. CTRL_REG7_XL register
HR
DCF1
DCF0
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device
0(1)
FDS
0(1)
HPIS1
Table 66. CTRL_REG7_XL register description
HR
High resolution mode for accelerometer enable. Default value: 0
(0: disabled; 1: enabled). Refer to Table 67.
DCF[1:0]
Accelerometer digital filter (high-pass and low-pass) cutoff frequency selection: the band-
width of the high-pass filter depends on the selected ODR. Refer to Table 67.
FDS
Filtered data selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter sent to output register and FIFO)
HPIS1
High-pass filter enabled for acceleration sensor interrupt function on interrupt. Default
value: 0
(0: filter bypassed; 1: filter enabled)
Table 67. Low pass cut-off frequency in high resolution mode (HR = 1)
HR
CTRL_REG7 (DCF [1:0])
LP cutoff freq. [Hz]
1
00
ODR/50
1
01
ODR/100
1
10
ODR/9
1
11
ODR/400
Table 68. CTRL_REG8 register
BOOT
BDU
H_LACTIVE
PP_OD
SIM
IF_ADD_INC
BLE
SW_RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com