Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 44 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 40Page - STMicroelectronics LSM6DS0 Datasheet HTML 41Page - STMicroelectronics LSM6DS0 Datasheet HTML 42Page - STMicroelectronics LSM6DS0 Datasheet HTML 43Page - STMicroelectronics LSM6DS0 Datasheet HTML 44Page - STMicroelectronics LSM6DS0 Datasheet HTML 45Page - STMicroelectronics LSM6DS0 Datasheet HTML 46Page - STMicroelectronics LSM6DS0 Datasheet HTML 47Page - STMicroelectronics LSM6DS0 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
Register description
LSM6DS0
44/59
DocID025604 Rev 3
7.17
STATUS_REG (17h)
Status register.
7.18
OUT_X_G (18h - 19h)
Angular rate sensor pitch axis (X) angular rate output register. The value is expressed as a
16-bit word in two’s complement.
7.19
OUT_Y_G (1Ah - 1Bh)
Angular rate sensor roll axis (Y) angular rate output register. The value is expressed as a
16-bit word in two’s complement.
7.20
OUT_Z_G (1Ch - 1Dh)
Angular rate sensor yaw axis (Z) angular rate output register. The value is expressed as a
16-bit word in two’s complement.
Table 56. STATUS_REG register
0
IG_XL
IG_G
INACT
BOOT_
STATUS
TDA
GDA
XLDA
Table 57. STATUS_REG register description
IG_XL
Accelerometer interrupt output signal. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupt events have been generated)
IG_G
Gyroscope interrupt output signal. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupt events have been generated)
INACT
Inactivity interrupt output signal. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupt events have been generated)
BOOT_
STATUS
Boot running flag signal. Default value: 0
(0: no boot running; 1: boot running)
TDA
Temperature sensor new data available. Default value: 0
(0: new data is not yet available; 1: new data is available)
GDA
Gyroscope new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
XLDA
Accelerometer new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com