Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 23 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 19Page - STMicroelectronics LSM6DS0 Datasheet HTML 20Page - STMicroelectronics LSM6DS0 Datasheet HTML 21Page - STMicroelectronics LSM6DS0 Datasheet HTML 22Page - STMicroelectronics LSM6DS0 Datasheet HTML 23Page - STMicroelectronics LSM6DS0 Datasheet HTML 24Page - STMicroelectronics LSM6DS0 Datasheet HTML 25Page - STMicroelectronics LSM6DS0 Datasheet HTML 26Page - STMicroelectronics LSM6DS0 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
DocID025604 Rev 3
23/59
LSM6DS0
Functionality
59
3.5.2
FIFO mode
In FIFO mode (FIFO_CTRL (2Eh) (FMODE [2:0] = 001) data from the output channels are
stored in the FIFO until it is overwritten.
To reset FIFO content, Bypass mode should be selected by writing FIFO_CTRL (2Eh)
(FMODE [2:0]) to '000'. After this reset command, it is possible to restart FIFO mode, writing
FIFO_CTRL (2Eh) (FMODE [2:0]) to '001'.
The FIFO buffer memorizes 32 levels of data, but the depth of the FIFO can be resized by
setting the STOP_ON_FTH bit in CTRL_REG9 (23h). If the STOP_ON_FTH bit is set to '1',
FIFO depth is limited to FIFO_CTRL (2Eh)(FTH [4:0]) + 1 data.
A FIFO threshold interrupt can be enabled (INT_OVR bit in INT_CTRL (0Ch)) in order to be
raised when the FIFO is filled to the level specified by the FTH[4:0] bits of FIFO_CTRL
(2Eh). When a FIFO threshold interrupt occurs, the first data has been overwritten and the
FIFO stops collecting data from the input channels.
Figure 10. FIFO mode
3.5.3
Continuous mode
Continuous mode (FIFO_CTRL (2Eh) (FMODE[2:0] = 110) provides a continuous FIFO
update: as new data arrives the older is discarded.
A FIFO threshold flag FIFO_SRC (2Fh)(FTH) is asserted when the number of unread
samples in FIFO is greater than or equal to FIFO_CTRL (2Eh)(FTH4:0).
It is possible to route FIFO_SRC (2Fh)(FTH) to the INT pin by writing the INT_FTH bit to ‘1’
in register INT_CTRL (0Ch).
A full-flag interrupt can be enabled (INT_CTRL (0Ch) (INT_ FSS5)= '1') when the FIFO
becomes saturated and in order to read the contents all at once. If an overrun occurs, the
oldest sample in FIFO is overwritten and the OVRN flag in FIFO_SRC (2Fh) is asserted.
In order to empty the FIFO before it is full, it is also possible to pull from FIFO the number of
unread samples available in FIFO_SRC (2Fh) (FSS[5:0]).
x0
y
z0
y0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com