Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 22 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 18Page - STMicroelectronics LSM6DS0 Datasheet HTML 19Page - STMicroelectronics LSM6DS0 Datasheet HTML 20Page - STMicroelectronics LSM6DS0 Datasheet HTML 21Page - STMicroelectronics LSM6DS0 Datasheet HTML 22Page - STMicroelectronics LSM6DS0 Datasheet HTML 23Page - STMicroelectronics LSM6DS0 Datasheet HTML 24Page - STMicroelectronics LSM6DS0 Datasheet HTML 25Page - STMicroelectronics LSM6DS0 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
Functionality
LSM6DS0
22/59
DocID025604 Rev 3
3.5
FIFO
The LSM6DS0 embeds 32 slots of 16-bit data FIFO for each of the gyroscope’s three output
channels, yaw, pitch and roll, and 16-bit data FIFO for each of the accelerometer’s three
output channels, X, Y and Z. This allows consistent power saving for the system, since the
host processor does not need to continuously poll data from the sensor, but it can wake up
only when needed and burst the significant data out from the FIFO. This buffer can work
accordingly to five different modes: Bypass mode, FIFO-mode, Continuous mode,
Continuous-to-FIFO mode and Bypass-to-Continuous. Each mode is selected by the
FMODE [2:0] bits in the FIFO_CTRL (2Eh) register. Programmable FIFO threshold status,
FIFO overrun events and the number of unread samples stored are available in the
FIFO_SRC (2Fh) register and can be set to generate dedicated interrupts on the INT pin
using the INT_CTRL (0Ch) register.
FIFO_SRC (2Fh)(FTH) goes to '1' when the number of unread samples (FIFO_SRC (2Fh)
(FSS5:0)) is greater than or equal to FTH [4:0] in FIFO_CTRL (2Eh). If FIFO_CTRL (2Eh)
(FTH[4:0]) is equal to 0, FIFO_SRC (2Fh)(FTH) goes to ‘0’.
FIFO_SRC (2Fh)(OVRN) is equal to '1' if a FIFO slot is overwritten.
FIFO_SRC (2Fh)(FSS [5:0]) contains stored data levels of unread samples. When FSS [5:0]
is equal to ‘000000’, FIFO is empty. When FSS [5:0] is equal to ‘100000’, FIFO is full and the
unread samples are 32.
The FIFO feature is enabled by writing '1' in CTRL_REG9 (23h) (FIFO_EN).
To guarantee the correct acquisition of data during the switching into and out of FIFO mode,
the first sample acquired must be discarded.
3.5.1
Bypass mode
In Bypass mode (FIFO_CTRL (2Eh)(FMODE [2:0]= 000), the FIFO is not operational and it
remains empty.
Bypass mode is also used to reset the FIFO when in FIFO mode.
As described in Figure 9, for each channel only the first address is used. When new data is
available the old data is overwritten.
Figure 9. Bypass mode
x0
y
z0
y0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com