Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 14Page - STMicroelectronics LSM6DS0 Datasheet HTML 15Page - STMicroelectronics LSM6DS0 Datasheet HTML 16Page - STMicroelectronics LSM6DS0 Datasheet HTML 17Page - STMicroelectronics LSM6DS0 Datasheet HTML 18Page - STMicroelectronics LSM6DS0 Datasheet HTML 19Page - STMicroelectronics LSM6DS0 Datasheet HTML 20Page - STMicroelectronics LSM6DS0 Datasheet HTML 21Page - STMicroelectronics LSM6DS0 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
Functionality
LSM6DS0
18/59
DocID025604 Rev 3
3
Functionality
3.1
Operating modes
The LSM6DS0 has two operating modes available: only accelerometer active and
gyroscope in power-down or both accelerometer and gyroscope sensors active at the same
ODR. Switching from one mode to the other requires one write operation: writing to
CTRL_REG6_XL (20h), the accelerometer operates in normal mode and the gyroscope is
powered down, writing to CTRL_REG1_G (10h) both the accelerometer and gyroscope are
activated at the same ODR.
Figure 5 depicts both modes of operation from power down.
Figure 5. Switching operating modes
3.2
Gyroscope power modes
In the LSM6DS0, the gyroscope can be configured in three different operating modes:
power-down, low-power and normal mode.
Low-power mode is available for lower ODR (14.9, 59.5, 119 Hz) while for greater ODR
(238, 476, 952 Hz) the device is automatically in normal mode. Table 9 summarizes the
ODR configuration (ODR_G[2:0] bits set in CTRL_REG1_G (10h)) and the corresponding
power modes.
To enable low-power mode, the LP_mode bit in CTRL_REG3_G (12h) has to be set to ‘1’.
Low-power mode allows reaching low-power consumption while maintaining the device
always on, refer to Table 10.
Accelerometer
Only
Accelerometer
+
Gyro
Power Down
Write CTRL_REG1_G
Write CTRL_REG1_G
With CTRL_REG6_XL = PD
Write CTRL_REG6_XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com