Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 53 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 49Page - STMicroelectronics LSM6DS0 Datasheet HTML 50Page - STMicroelectronics LSM6DS0 Datasheet HTML 51Page - STMicroelectronics LSM6DS0 Datasheet HTML 52Page - STMicroelectronics LSM6DS0 Datasheet HTML 53Page - STMicroelectronics LSM6DS0 Datasheet HTML 54Page - STMicroelectronics LSM6DS0 Datasheet HTML 55Page - STMicroelectronics LSM6DS0 Datasheet HTML 56Page - STMicroelectronics LSM6DS0 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
DocID025604 Rev 3
53/59
LSM6DS0
Register description
59
7.36
INT_GEN_THS_X_G (31h - 32h)
Angular rate sensor interrupt generator threshold registers. The value is expressed as a 15-
bit word in two’s complement.
Table 88. INT_GEN_THS_X_G register description
7.37
INT_GEN_THS_Y_G (33h - 34h)
Angular rate sensor interrupt generator threshold registers. The value is expressed as a 15-
bit word in two’s complement.
Table 91. INT_GEN_THS_Y_G register description
Table 86. INT_GEN_THS_XH_G register
DCRM_G
THS_G_
X14
THS_G_
X13
THS_G_
X12
THS_G_
X11
THS_G_
X10
THS_G_
X9
THS_G_
X8
Table 87. INT_GEN_THS_XL_G register
THS_G_
X7
THS_G_
X6
THS_G_
X5
THS_G_
X4
THS_G_
X3
THS_G_
X2
THS_G_
X1
THS_G_
X0
DCRM_G
Decrement or reset counter mode selection. Default value: 0
(0: Reset; 1: Decrement, as per counter behavior in Figure 22 and Figure 23)
THS_G_X [14:0]
Angular rate sensor interrupt threshold on pitch (X) axis.
Default value: 0000000 00000000
Table 89. INT_GEN_THS_YH_G register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device
THS_G_
Y14
THS_G_
Y13
THS_G_
Y12
THS_G_
Y11
THS_G_
Y10
THS_G_
Y9
THS_G_
Y8
Table 90. INT_GEN_THS_YL_G register
THS_G_
Y7
THS_G_
Y6
THS_G_
Y5
THS_G_
Y4
THS_G_
Y3
THS_G_
Y2
THS_G_
Y1
THS_G_
Y0
THS_G_Y [14:0]
Angular rate sensor interrupt threshold on roll (Y) axis.
Default value: 0000000 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com