Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 33 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 29Page - STMicroelectronics LSM6DS0 Datasheet HTML 30Page - STMicroelectronics LSM6DS0 Datasheet HTML 31Page - STMicroelectronics LSM6DS0 Datasheet HTML 32Page - STMicroelectronics LSM6DS0 Datasheet HTML 33Page - STMicroelectronics LSM6DS0 Datasheet HTML 34Page - STMicroelectronics LSM6DS0 Datasheet HTML 35Page - STMicroelectronics LSM6DS0 Datasheet HTML 36Page - STMicroelectronics LSM6DS0 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
DocID025604 Rev 3
33/59
LSM6DS0
Register mapping
59
6
Register mapping
The table given below provides a list of the 8/16 bit registers embedded in the device and
the corresponding addresses.
Table 20. Register mapping
Name
Type
Register address
Default
Note
Hex
Binary
Reserved
--
00-03
--
--
Reserved
ACT_THS
r/w
04
00000100
00000000
ACT_DUR
r/w
05
00000101
00000000
INT_GEN_CFG_XL
r/w
06
00000110
00000000
INT_GEN_THS_X_XL
r/w
07
00000111
00000000
INT_GEN_THS_Y_XL
r/w
08
00001000
00000000
INT_GEN_THS_Z_XL
r/w
09
00001001
00000000
INT_GEN_DUR_XL
r/w
0A
00001010
00000000
REFERENCE_G
r/w
0B
00001011
00000000
INT_CTRL
r/w
0C
00001100
00000000
Reserved
--
0D-0E
--
--
Reserved
WHO_AM_I
r
0F
00001111
01101000
CTRL_REG1_G
r/w
10
00010000
00000000
CTRL_REG2_G
r/w
11
00010001
00000000
CTRL_REG3_G
r/w
12
00010010
00000000
ORIENT_CFG_G
r/w
13
00010011
00000000
INT_GEN_SRC_G
r
14
00010100
output
OUT_TEMP_L
r
15
00010101
output
OUT_TEMP_H
r
16
00010110
output
STATUS_REG
r
17
00010111
output
OUT_X_L_G
r
18
00011000
output
OUT_X_H_G
r
19
00011001
output
OUT_Y_L_G
r
1A
00011010
output
OUT_Y_H_G
r
1B
00011011
output
OUT_Z_L_G
r
1C
00011100
output
OUT_Z_H_G
r
1D
00011101
output
CTRL_REG4
r/w
1E
00011110
00111000
CTRL_REG5_XL
r/w
1F
00011111
00111000
CTRL_REG6_XL
r/w
20
00100000
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com