Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DS0 Datasheet HTML 1Page - STMicroelectronics LSM6DS0 Datasheet HTML 2Page - STMicroelectronics LSM6DS0 Datasheet HTML 3Page - STMicroelectronics LSM6DS0 Datasheet HTML 4Page - STMicroelectronics LSM6DS0 Datasheet HTML 5Page - STMicroelectronics LSM6DS0 Datasheet HTML 6Page - STMicroelectronics LSM6DS0 Datasheet HTML 7Page - STMicroelectronics LSM6DS0 Datasheet HTML 8Page - STMicroelectronics LSM6DS0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
This is information on a product in full production.
November 2014
DocID025604 Rev 3
1/59
LSM6DS0
iNEMO inertial module:
3D accelerometer and 3D gyroscope
Datasheet
- production data
Features
 Analog supply voltage: 1.71 V to 3.6 V
 Independent IOs supply (1.71 V)
 “Always on” eco power mode down to 1.8 mA
 3 independent acceleration channels and 3
angular rate channels
 ±2/±4/±8/±16 g full scale
 ±245/±500/±2000 dps full scale
 SPI/I2C serial interface
 Embedded temperature sensor
 Embedded FIFO
 ECOPACK®, RoHS and “Green” compliant
Applications
 GPS navigation systems
 Impact recognition and logging
 Gaming and virtual reality input devices
 Motion-activated functions
 Intelligent power saving for handheld devices
 Vibration monitoring and compensation
 Free-fall detection
 6D orientation detection
Description
The LSM6DS0 is a system-in-package featuring a
3D digital accelerometer and a 3D digital
gyroscope. ST’s family of MEMS sensor modules
leverages the robust and mature manufacturing
processes already used for the production of
micromachined accelerometers and gyroscopes.
The various sensing elements are manufactured
using specialized micromachining processes,
while the IC interfaces are developed using
CMOS technology that allows the design of a
dedicated circuit which is trimmed to better match
the sensing element characteristics.
The LSM6DS0 has a full-scale acceleration range
of ±2/±4/±8/±16 g and an angular rate range of
±245/±500/±2000 dps. The LSM6DS0 has two
operating modes in that the accelerometer and
gyroscope sensors can be either activated at the
same ODR or the accelerometer can be enabled
while the gyroscope is in power-down.
The LSM6DS0 is available in a plastic land grid
array (LGA) package.
LGA-16L (3x3x0.86 mm)
Table 1. Device summary
Part number
Temp.
range [°C]
Package
Packing
LSM6DS0
-40 to +85
LGA-16L
(3x3x0.86 mm)
Tray
LSM6DS0TR -40 to +85
Tape
and reel
www.st.com


Similar Part No. - LSM6DS0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3 STMICROELECTRONICS-LSM6DS3 Datasheet
1Mb / 100P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DS33TR STMICROELECTRONICS-LSM6DS33TR Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DS3H STMICROELECTRONICS-LSM6DS3H Datasheet
1Mb / 104P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS3HTR STMICROELECTRONICS-LSM6DS3HTR Datasheet
1Mb / 104P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
More results

Similar Description - LSM6DS0

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
STMicroelectronics
L2G2IS STMICROELECTRONICS-L2G2IS Datasheet
621Kb / 26P
Embedded temperature sensor
17-Feb-2016
LIS2HH12 STMICROELECTRONICS-LIS2HH12 Datasheet
1Mb / 47P
Embedded temperature sensor
14-Dec-2015
LPS25H STMICROELECTRONICS-LPS25H Datasheet
1Mb / 45P
Embedded temperature compensation
April 2016 Rev 5
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
Embedded temperature compensation
February 2017 Rev 2
LSM303D STMICROELECTRONICS-LSM303D Datasheet
1Mb / 52P
Embedded temperature sensor
05-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com