Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS0 Datasheet(PDF) 39 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 35Page - STMicroelectronics LSM6DS0 Datasheet HTML 36Page - STMicroelectronics LSM6DS0 Datasheet HTML 37Page - STMicroelectronics LSM6DS0 Datasheet HTML 38Page - STMicroelectronics LSM6DS0 Datasheet HTML 39Page - STMicroelectronics LSM6DS0 Datasheet HTML 40Page - STMicroelectronics LSM6DS0 Datasheet HTML 41Page - STMicroelectronics LSM6DS0 Datasheet HTML 42Page - STMicroelectronics LSM6DS0 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
DocID025604 Rev 3
39/59
LSM6DS0
Register description
59
Table 41. CTRL_REG1_G register description
ODR_G [2:0] are used to set ODR selection when both the accelerometer and gyroscope
are activated. BW_G [1:0] are used to set the bandwidth selection of the gyroscope.
The following table summarizes all frequencies available for each combination of the
ODR_G / BW_G bits after LPF1 (see Table 42) and LPF2 (see Table 43) when both the
accelerometer and gyroscope are activated. For more details regarding signal processing
please refer to Figure 21.
ODR_G [2:0]
Gyroscope output data rate selection. Default value: 000
(Refer to Table 42 and Table 43)
FS_G [1:0]
Gyroscope full-scale selection. Default value: 00
(00: 245 dps; 01: 500 dps; 10: not available; 11: 2000 dps)
BW_G [1:0]
Gyroscope bandwidth selection. Default value: 00
Table 42. ODR and BW configuration setting (after LPF1)
ODR_G2
ODR_G1
ODR_G0
ODR [Hz]
Cutoff [Hz](1)
1. The values in the table are indicative and can vary proportionally with the specific ODR value.
0
0
0
Power-down
n.a.
0
0
1
14.9
5
0
1
0
59.5
19
0
1
1
119
38
1
0
0
238
76
1
0
1
476
100
1
1
0
952
100
1
1
1
n.a.
n.a.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com