Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 115 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 115 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 111Page - National Semiconductor (TI) PC87364 Datasheet HTML 112Page - National Semiconductor (TI) PC87364 Datasheet HTML 113Page - National Semiconductor (TI) PC87364 Datasheet HTML 114Page - National Semiconductor (TI) PC87364 Datasheet HTML 115Page - National Semiconductor (TI) PC87364 Datasheet HTML 116Page - National Semiconductor (TI) PC87364 Datasheet HTML 117Page - National Semiconductor (TI) PC87364 Datasheet HTML 118Page - National Semiconductor (TI) PC87364 Datasheet HTML 119Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 180 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
113
www.national.com
3.5
SWC REGISTER BITMAP
Table 43. Banks 0 and 1 - The Common Register Bitmap
Table 44. Bank 0 - PS/2 Keyboard/Mouse Wake-Up Configuration and Control Registers Bitmap
Table 45. Bank 1 - CEIR Wake-Up Configuration and Control Registers Bitmap
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
WK_STS0
Module
IRQ Event
Status
Software
Event
Status
GPIO
Event
Status
CEIR
Event
Status
Mouse
Event
Status
KBD
Event
Status
RI2
Event
Status
RI1
Event
Status
01h
WK_STS1
GPIE7
Event
Status
GPIE6
Event
Status
GPIE5
Event
Status
GPIE4/
RING
Event
Status
GPIE3
Event
Status
GPIE2
Event
Status
GPIE1
Event
Status
GPIE0
Event
Status
02h
WK_EN0
Module
IRQ Event
Enable
Software
Event
Enable
GPIO
Event
Enable
CEIR
Event
Enable
Mouse
Event
Enable
KBD
Event
Enable
RI2
Event
Enable
RI1
Event
Enable
03h
WK_EN1
GPIE7
Event
Enable
GPIE6
Event
Enable
GPIE5
Event
Enable
GPIE4/
RING
Event
Enable
GPIE3
Event
Enable
GPIE2
Event
Enable
GPIE1
Event
Enable
GPIE0
Event
Enable
04h
WK_CFG
Reserved
Enable
Power But-
ton Pulse
on S3
Swap KBC
Inputs
Configuration Bank
Select
05h-07h
Reserved
08h
SB_GPDO0
Reserved
Data Out
09h
SB_GPDI0
Data In
0Ah
SB_GPDO1
Reserved
Data Out
0Bh
SB_GPDI1
Reserved
Data In
0Ch-12h
Reserved
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
13h
PS2CTL
Disable
Parity
Mouse Wake-Up Configuration
Keyboard Wake-Up Configuration
16h
KDSR
Keyboard Data
17h
MDSR
Reserved
Mouse Data
18h-1Fh
PS2KEY0-
PS2KEY7
Scan Code of Keys 0-7
Register
Bits
Offset
Mnemonic
76543210
13h
IRWCR
Reserved
CEIR Protocol Select
Select
IRRX2
Input
Invert
IRRXn
Input
Reserved
CEIR
Enable
14h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com