Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 112Page - National Semiconductor (TI) PC87364 Datasheet HTML 113Page - National Semiconductor (TI) PC87364 Datasheet HTML 114Page - National Semiconductor (TI) PC87364 Datasheet HTML 115Page - National Semiconductor (TI) PC87364 Datasheet HTML 116Page - National Semiconductor (TI) PC87364 Datasheet HTML 117Page - National Semiconductor (TI) PC87364 Datasheet HTML 118Page - National Semiconductor (TI) PC87364 Datasheet HTML 119Page - National Semiconductor (TI) PC87364 Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 180 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
114
www.national.com
Table 46. Bank 2 - Event Routing Control Registers Bitmap
15h
IRWAD
CEIR Wake-Up Address
16h
IRWAM
CEIR Wake-Up Address Mask
17h
ADSR
CEIR Address
18h
IRWTR0L
Reserved
CEIR Pulse Change, Range 0, Low Limit
19h
IRWTR0H
Reserved
CEIR Pulse Change, Range 0, High Limit
1Ah
IRWTR1L
Reserved
CEIR Pulse Change, Range 1, Low Limit
1Bh
IRWTR1H
Reserved
CEIR Pulse Change, Range 1, High Limit
1Ch
IRWTR2L
CEIR Pulse Change, Range 2, Low Limit
1Dh
IRWTR2H
CEIR Pulse Change, Range 2, High Limit
1Eh
IRWTR3L
CEIR Pulse Change, Range 3, Low Limit
1Fh
IRWTR3H
CEIR Pulse Change, Range 3, High Limit
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
13h
WK_SMIEN0
Reserved
Software
Event to
SMI Enable
Reserved
CEIR
Event to
SMI Enable
Mouse
Event to
SMI Enable
KBD
Event to
SMI Enable
RI2
Event to
SMI Enable
RI1
Event to
SMI Enable
14h
WK_SMIEN1
GPIE7
Event to
SMI Enable
GPIE6
Event to
SMI Enable
GPIE5
Event to
SMI Enable
GPIE4/
RING
Event to
SMI Enable
GPIE3
Event to
SMI Enable
GPIE2
Event to
SMI Enable
GPIE1
Event to
SMI Enable
GPIE0
Event to
SMI Enable
15h
WK_IRQEN0
Reserved
Software
Event to
IRQ Enable
Reserved
CEIR
Event to
IRQ Enable
Mouse
Event to
IRQ Enable
KBD
Event to
IRQ Enable
RI2
Event to
IRQ Enable
RI1
Event to
IRQ Enable
16h
WK_IRQEN1
GPIE7
Event to
IRQ Enable
GPIE6
Event to
IRQ Enable
GPIE5
Event to
IRQ Enable
GPIE4/
RING
Event to
IRQ Enable
GPIE3
Event to
IRQ Enable
GPIE2
Event to
IRQ Enable
GPIE1
Event to
IRQ Enable
GPIE0
Event to
IRQ Enable
17h
WK_X1EN0
Reserved
CEIR
Event Ex. 1
Enable
Mouse
Event Ex. 1
Enable
KBD
Event Ex. 1
Enable
RI2
Event Ex. 1
Enable
RI1
Event Ex. 1
Enable
18h
WK_X1EN1
GPIE7
Event Ex. 1
Enable
GPIE6
Event Ex. 1
Enable
GPIE5
Event Ex. 1
Enable
GPIE4/
RING
Event Ex. 1
Enable
GPIE3
Event Ex. 1
Enable
GPIE2
Event Ex. 1
Enable
GPIE1
Event Ex. 1
Enable
GPIE0
Event Ex. 1
Enable
19h
WK_X2EN0
Reserved
CEIR
Event Ex. 2
Enable
Mouse
Event Ex. 2
Enable
KBD
Event Ex. 2
Enable
RI2
Event Ex. 2
Enable
RI1
Event Ex. 2
Enable
1Ah
WK_X2EN1
GPIE7
Event Ex. 2
Enable
GPIE6
Event Ex. 2
Enable
GPIE5
Event Ex. 2
Enable
GPIE4/
RING
Event Ex. 2
Enable
GPIE3
Event Ex. 2
Enable
GPIE2
Event Ex. 2
Enable
GPIE1
Event Ex. 2
Enable
GPIE0
Event Ex. 2
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com