Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 144 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 144 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 140Page - National Semiconductor (TI) PC87364 Datasheet HTML 141Page - National Semiconductor (TI) PC87364 Datasheet HTML 142Page - National Semiconductor (TI) PC87364 Datasheet HTML 143Page - National Semiconductor (TI) PC87364 Datasheet HTML 144Page - National Semiconductor (TI) PC87364 Datasheet HTML 145Page - National Semiconductor (TI) PC87364 Datasheet HTML 146Page - National Semiconductor (TI) PC87364 Datasheet HTML 147Page - National Semiconductor (TI) PC87364 Datasheet HTML 148Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 180 page
background image
8.0 ACCESS.bus Interface (ACB) (Continued)
142
www.national.com
8.3
ACB REGISTERS
The following abbreviations are used to indicate the Register Type:
• R/W = Read/Write
• R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
• W=Write
• RO = Read Only
• R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
8.3.1
ACB Register Map
8.3.2
ACB Serial Data Register (ACBSDA)
This shift register is used to transmit and receive data. The most significant bit is transmitted (received) first, and the least
significant bit is transmitted (received) last. Reading or writing to the ACBSDA register is allowed only when the SDAST bit
of the ACBST register is set, or for repeated starts after setting the START bit. An attempt to access this register under other
conditions may produce unpredictable results.
Location:
Offset 00h
Type:
R/W
Offset Mnemonic
Register Name
Type
Section
00h
ACBSDA
ACB Serial Data
R/W
8.3.2
01h
ACBST
ACB Status
Varies per bit
8.3.3
02h
ACBCST
ACB Control Status
Varies per bit
8.3.4
03h
ACBCTL1
ACB Control 1
R/W
8.3.5
04h
ACBADDR ACB Own Address
R/W
8.3.6
05h
ACBCTL2
ACB Control 2
R/W
8.3.7
Bit
76543210
Name
ACB Serial Data
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com