Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 145 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 145 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 141Page - National Semiconductor (TI) PC87364 Datasheet HTML 142Page - National Semiconductor (TI) PC87364 Datasheet HTML 143Page - National Semiconductor (TI) PC87364 Datasheet HTML 144Page - National Semiconductor (TI) PC87364 Datasheet HTML 145Page - National Semiconductor (TI) PC87364 Datasheet HTML 146Page - National Semiconductor (TI) PC87364 Datasheet HTML 147Page - National Semiconductor (TI) PC87364 Datasheet HTML 148Page - National Semiconductor (TI) PC87364 Datasheet HTML 149Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 180 page
background image
8.0 ACCESS.bus Interface (ACB) (Continued)
143
www.national.com
8.3.3
ACB Status Register (ACBST)
This register maintains the current ACB status. On reset, and when the ACB is disabled, ACBST is cleared (00h).
Location:
Offset 01h
Type:
Varies per bit
Bit
76543210
Name
SLVSTP
SDAST
BER
NEGACK
STASTR
NMATCH
MASTER
XMIT
Reset
00000000
Bit
Type
Description
7
R/W1C SLVSTP (Slave Stop). Writing 0 to SLVSTP is ignored.
0: Writing 1 or ACB disabled
1: Stop Condition detected after a slave transfer in which MATCH or GCMATCH was set
6RO
SDAST (SDA Status)
0: Reading from the ACBSDA register during a receive, or when writing to it during a transmit. When
ACBCTL1.START is set, reading the ACBSDA register does not clear SDAST. This enables ACB to
send a repeated start in master receive mode.
1: SDA Data register awaiting data (transmit - master or slave) or holds data that should be read
(receive - master or slave).
5
R/W1C BER (Bus Error). Writing 0 to BER is ignored.
0: Writing 1 or ACB disabled
1: Start or Stop Condition detected during data transfer (i.e., Start or Stop Condition during the transfer
of bits 2 through 8 and acknowledge cycle), or when an arbitration problem is detected.
4
R/W1C NEGACK (Negative Acknowledge). Writing 0 to NEGACK is ignored.
0: Writing 1 or ACB disabled
1: Transmission not acknowledged on the ninth clock (In this case, SDAST is not set)
3
R/W1C STASTR (Stall After Start). Writing 0 to STASTR is ignored.
0: Writing 1 or ACB disabled
1: Address sent successfully (i.e., a Start Condition sent without a bus error, or Negative Acknowledge),
if ACBCTL1.STASTRE is set. This bit is ignored in slave mode. When STASTR is set, it stalls the
ACCESS.bus by pulling down the SCL line, and suspends any further action on the bus (e.g., receive
of first byte in master receive mode). In addition, if ACBCTL1.INTEN is set, it also causes the ACB
to send an interrupt.
2
R/W1C NMATCH (New Match). Writing 0 to NMATCH is ignored. If ACBCTL1.INTEN is set, an interrupt is sent
when this bit is set.
0: Software writes 1 to this bit
1: Address byte follows a Start Condition or a repeated start, causing a match or a global-call match.
1RO
Master
0: Arbitration loss (BER is set) or recognition of a Stop Condition
1: Bus master request succeeded and master mode active
0RO
XMIT (Transmit). Direction bit.
0: Master/slave transmit mode not active
1: Master/slave transmit mode active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com