Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 119 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 119 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 115Page - Texas Instruments TMS320DM814X Datasheet HTML 116Page - Texas Instruments TMS320DM814X Datasheet HTML 117Page - Texas Instruments TMS320DM814X Datasheet HTML 118Page - Texas Instruments TMS320DM814X Datasheet HTML 119Page - Texas Instruments TMS320DM814X Datasheet HTML 120Page - Texas Instruments TMS320DM814X Datasheet HTML 121Page - Texas Instruments TMS320DM814X Datasheet HTML 122Page - Texas Instruments TMS320DM814X Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-33. SPI 3 Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VOUT[1],
VOUT[1]_HSYNC/
EMAC[1],
EMAC[1]_MCOL/
VIN[1]A, UART3,
VIN[1]A_VSYNC/
IPD
AC24
I/O
GP2
SPI[3]_D[1]/
DVDD
PINCNTL205
UART3_RTS/
DSIS: PIN
GP2[29]
MM: MUX2
VOUT[1],
VOUT[1]_R_CR[6]/
EMAC[1],
EMAC[1]_MTXD[5]/
IPD
VIN[1]A, GP3
VIN[1]A_D[17]/
AA25
I/O
DVDD
PINCNTL224
SPI[3]_D[1]/
DSIS: PIN
GP3[16]
MM: MUX1
VIN[0]A,
VIN[0]A_D[22]/
CAMERA_I/F,
CAM_D[14]/
EMAC[1]_RM,
IPD
EMAC[1]_RMTXD[1]/
AC21
I/O
GP0
DVDD_C
SPI[3]_D[1]/
PINCNTL162
GP0[16]
DSIS: PIN
MM: MUX0
SPI Data I/O. Can be configured as either MISO or MOSI
VOUT[1]_VSYNC/
VOUT[1],
EMAC[1]_MCRS/
EMAC[1],
VIN[1]A_FLD/
VIN[1]A, UART3,
IPD
VIN[1]A_DE/
AA23
I/O
GP2
DVDD
SPI[3]_D[0]/
PINCNTL206
UART3_CTS/
DSIS: PIN
GP2[30]
MM: MUX2
VOUT[1],
VOUT[1]_R_CR[7]/
EMAC[1],
EMAC[1]_MTXD[6]/
IPD
VIN[1]A, GP3
VIN[1]A_D[18]/
V22
I/O
DVDD
PINCNTL225
SPI[3]_D[0]/
DSIS: PIN
GP3[17]
MM: MUX1
VIN[0]A,
VIN[0]A_D[23]/
CAMERA_I/F,
CAM_D[15]/
IPD
EMAC[1], GP0
EMAC[1]_RMTXEN/
AC16
I/O
DVDD_C
PINCNTL163
SPI[3]_D[0]/
DSIS: PIN
GP0[17]
MM: MUX0
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
119
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com