Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 123 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 123 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 119Page - Texas Instruments TMS320DM814X Datasheet HTML 120Page - Texas Instruments TMS320DM814X Datasheet HTML 121Page - Texas Instruments TMS320DM814X Datasheet HTML 122Page - Texas Instruments TMS320DM814X Datasheet HTML 123Page - Texas Instruments TMS320DM814X Datasheet HTML 124Page - Texas Instruments TMS320DM814X Datasheet HTML 125Page - Texas Instruments TMS320DM814X Datasheet HTML 126Page - Texas Instruments TMS320DM814X Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-35. Timer Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
Timer 5
GPMC_ADV_ALE/
GPMC, GP1
GPMC_CS[6]/
IPU
PINCNTL128
M26
I/O
TIM5_IO/
DVDD_GPMC
DSIS: PIN
GP1[28]
MM: MUX3
GPMC_A[23]/
GPMC, SPI[2],
SPI[2]_SCLK/
HDMI, GP1
IPD
HDMI_HPDET/
AA26
I/O
PINCNTL112
DVDD_GPMC
TIM5_IO/
DSIS: PIN
GP1[18]
MM: MUX2
Timer 5 capture event input or PWM output
DEVOSC_WAKE/
OSC, SPI[1], GP1
SPI[1]_SCS[1]/
IPU
PINCNTL7
W6
I/O
TIM5_IO/
DVDD_SD
DSIS: PIN
GP1[7]
MM: MUX1
MCA[3], GP0
MCA[3]_AXR[1]/
IPD
PINCNTL48
TIM5_IO/
G2
I/O
DVDD
DSIS: PIN
GP0[19]
MM: MUX0
Timer 4
GPMC_CLK/
GPMC_CS[5]/
GPMC, CLKOUT1,
GPMC_WAIT[1]/
EDMA, GP1
IPU
CLKOUT1/
R26
I/O
PINCNTL127
DVDD_GPMC
EDMA_EVT3/
DSIS: PIN
TIM4_IO/
MM: MUX3
GP1[27]
GPMC_A[22]/
GPMC, SPI[2],
SPI[2]_D[1]/
HDMI, GP1
IPU
HDMI_CEC/
AB27
I/O
PINCNTL111
DVDD_GPMC
TIM4_IO/
DSIS: PIN
Timer 4 capture event input or PWM output
GP1[17]
MM: MUX2
SPI[0]_SCS[1]/
SPI[0], SD1,
SD1_SDCD/
SATA, EDMA,
SATA_ACT0_LED/
IPU
GP1
AE5
I/O
EDMA_EVT1/
DVDD
PINCNTL80
TIM4_IO/
DSIS: PIN
GP1[6]
MM: MUX1
MCA[3], GP0
MCA[3]_AXR[0]/
IPD
PINCNTL47
TIM4_IO/
G1
I/O
DVDD
DSIS: PIN
GP0[18]
MM: MUX0
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
123
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com