Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 147 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 147 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 143Page - Texas Instruments TMS320DM814X Datasheet HTML 144Page - Texas Instruments TMS320DM814X Datasheet HTML 145Page - Texas Instruments TMS320DM814X Datasheet HTML 146Page - Texas Instruments TMS320DM814X Datasheet HTML 147Page - Texas Instruments TMS320DM814X Datasheet HTML 148Page - Texas Instruments TMS320DM814X Datasheet HTML 149Page - Texas Instruments TMS320DM814X Datasheet HTML 150Page - Texas Instruments TMS320DM814X Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
3.2.24 Video Output (Analog, TV)
Table 3-47. Video Outupt (Analog, TV) Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
VIDEO INTERFACES (TV)
Composite/S-Video (Luminance) Amplifier Output.
In Normal mode (internal amplifier used), this pin drives the 75-
Ω TV
load. An external resistor (Rout) should be connected between this pin
and the TV_VFB0 pin and be placed as close to the pins as possible.
–
The nominal value of Rout is 2700
Ω.
TV_OUT0
AH24
O
VDDA_VDAC_1P8
In TVOUT Bypass mode (internal amplifier not used), this pin is not
used.
When this pin is not used or the TV output is powered-down, this pin
should be left unconnected.
S-Video (Chrominance) Amplifier Output.
In Normal mode (internal amplifier used), this pin drives the 75-
Ω TV
load.
An external resistor (Rout) should be connected between this pin and
the TV_VFB1 pin and be placed as close to the pins as possible. The
–
TV_OUT1
AH22
O
nominal value of Rout is 2700
Ω.
VDDA_VDAC_1P8
In TVOUT Bypass mode (internal amplifier not used), this pin is not
used.
When this pin is not used or the TV output is powered-down, this pin
should be left unconnected.
Composite/S-Video (Luminance) Feedback.
In Normal mode (internal amplifier used), this pin acts as the buffer
feedback node.
An external resistor (Rout) should be connected between this pin and
the TV_OUT0 pin.
–
TV_VFB0
AG23
A O
In TVOUT Bypass mode (internal amplifier not used), this pin acts as
VDDA_VDAC_1P8
the direct Video DAC output and should be connected to ground
through a load resistor (Rload) and to an external video amplifier. The
nominal value of Rload is 1500
Ω.
When this pin is not used or the TV output is powered-down, this pin
should be left unconnected.
S-Video (Chrominance) Feedback.
In Normal mode (internal amplifier used), this pin acts as the buffer
feedback node.
An external resistor (Rout) should be connected between this pin and
the TV_OUT1 pin.
–
TV_VFB1
AG22
A O
In TVOUT Bypass mode (internal amplifier not used), it acts as the
VDDA_VDAC_1P8
direct Video DAC output and should be connected to ground through
a load resistor (Rload) and to an external video amplifier. The nominal
value of Rload is 1500
Ω.
When this pin is not used or the TV output is powered-down, this pin
should be left unconnected.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
147
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com