Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 151 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 151 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 147Page - Texas Instruments TMS320DM814X Datasheet HTML 148Page - Texas Instruments TMS320DM814X Datasheet HTML 149Page - Texas Instruments TMS320DM814X Datasheet HTML 150Page - Texas Instruments TMS320DM814X Datasheet HTML 151Page - Texas Instruments TMS320DM814X Datasheet HTML 152Page - Texas Instruments TMS320DM814X Datasheet HTML 153Page - Texas Instruments TMS320DM814X Datasheet HTML 154Page - Texas Instruments TMS320DM814X Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-49. Supply Voltages Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER
DESCRIPTION
NAME
NO.
VDDA_L3PLL_1P8
N18
S
1.8 V Analog Power Supply for PLL_L3, PLL_HDVPSS, and
PLL_MEDIACTL
VDDA_PCIE_1P8
W9, W10
S
1.8 V Analog Power Supply for PCIe.
For proper device operation, this pin must always be connected
to a 1.8-V Power Supply, even if the PCIe is not being used.
VDDA_SATA_1P8
U9, U10
S
1.8 V Analog Power Supply for SATA.
For proper device operation, this pin must always be connected
to a 1.8-V Power Supply, even if the SATA is not being used.
VDDA_HDMI_1P8
W18
S
1.8 V Analog Power Supply for HDMI.
For proper device operation, this pin must always be connected
to a 1.8-V Power Supply, even if the HDMI is not being used.
VDDA_USB0_1P8
AA12
S
1.8 V Analog Power Supply for USB0.
For proper device operation, this pin must always be connected
to a 1.8-V Power Supply, even if the USB0 is not being used.
VDDA_USB1_1P8
W13
S
1.8 V Analog Power Supply for USB1.
For proper device operation, this pin must always be connected
to a 1.8-V Power Supply, even if the USB1 is not being used.
VDDA_VDAC_1P8
AB19
S
1.8 V Reference Power Supply for VDAC.
For proper device operation, this pin must always be connected
to a 1.8-V Power Supply, even if the VDAC is not being used.
VDDA_USB_3P3
AA13
S
3.3 V Analog Power Supply for USB0 and USB1.
For proper device operation, this pin must always be connected
to a 3.3-V Power Supply, even if USB0 and USB1 are not being
used.
VDDA_1P8
L20, M7,
S
1.8 V Power Supply for on-chip LDOs and I/O biasing
M22, R20,
U7, V10,
W15, Y13
LDOCAP_ARM
W14
A
ARM Cortex-A8 VBB LDO output.
This pin must always be connected via a 1-uF capacitor to VSS.
LDOCAP_ARMRAM
V14
A
ARM Cortex-A8 RAM LDO output.
This pin must always be connected via a 1-uF capacitor to VSS.
LDOCAP_RAM0
P18
A
CORE RAM0 LDO output.
This pin must always be connected via a 1-uF capacitor to VSS.
LDOCAP_RAM1
R11
A
CORE RAM1 LDO output.
This pin must always be connected via a 1-uF capacitor to VSS.
LDOCAP_RAM2
L18
A
CORE RAM2 LDO output.
This pin must always be connected via a 1-uF capacitor to VSS.
LDOCAP_DSP
P10
A
C674x DSP VBB LDO output.
This pin must always be connected via a 1-uF capacitor to VSS.
LDOCAP_DSPRAM
M11
A
C674x DSP RAM LDO output.
This pin must always be connected via a 1-uF capacitor to VSS.
LDOCAP_HDVICP
N10
A
HDVICP2 VBB LDO output.
This pin must always be connected via a 1-uF capacitor to VSS.
LDOCAP_HDVICPRAM
N11
A
HDVICP2 RAM LDO output.
This pin must always be connected via a 1-uF capacitor to VSS.
LDOCAP_SGX
T10
A
SGX530 VBB LDO output.
This pin must always be connected via a 1-uF capacitor to VSS.
LDOCAP_SERDESCLK
T11
A
SERDES_CLKP/N Pins LDO output.
This pin must always be connected via a 1-uF capacitor to VSS.
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
151
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com