Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 2Page - STMicroelectronics STCC5011 Datasheet HTML 3Page - STMicroelectronics STCC5011 Datasheet HTML 4Page - STMicroelectronics STCC5011 Datasheet HTML 5Page - STMicroelectronics STCC5011 Datasheet HTML 6Page - STMicroelectronics STCC5011 Datasheet HTML 7Page - STMicroelectronics STCC5011 Datasheet HTML 8Page - STMicroelectronics STCC5011 Datasheet HTML 9Page - STMicroelectronics STCC5011 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Absolute maximum ratings and operating conditions
STCC5011, STCC5021
6/37
DocID024660 Rev 6
3
Absolute maximum ratings and operating conditions
Stressing the device beyond the rating listed in Table 2: Absolute maximum ratings (AMR)
may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions beyond those indicated in Table 3:
Operating conditions is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 2. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VIN, VDD, VOUT
Supply voltage
-0.3 to 6.5
V
VEN, VATTACH_EN, VCTLx Logical input voltage
VFAULT,
VCHARGING/ATTACH
Pull-up resistor voltage (FAULT, CHARGING/ATTACH)
VDP_OUT, VDM_OUT,
VDP_IN, VDM_IN
Data switch pin voltage to ground
-0.3 to VIN +0.3
V
IDP_OUT, IDM_OUT,
IDP_IN, IDM_IN
Data switch current, switch ON
±50
mA
IO(OUT)
Maximum power switch output current, power switch ON
Internally limited
A
IO(FAULT),
IO(CHARGING/ATTACH)
Logical output sink current
25
mA
TSTG
Storage temperature (VIN OFF, VDD OFF)
-55 to +150
°C
TSLD
Lead solder temperature for 10 second temperature
(VIN OFF, VDD OFF)(1)
260
Rthja
Thermal resistance junction-to-ambient VFQFPN 16L(2)
60
°C/W
Tj
Maximum junction temperature range (internally limited)
-40 to TSTOP
°C
VESD(OUT, DP_IN, DM_IN) IEC61000-4-2 contact discharge (OUT, DP_IN, DM_IN pins)(3)
8
kV
VESD
JEDEC human body model (all pins)
2
JEDEC machine model (all pins)
200
V
1. Reflow at temperatures of 255 °C to 260 °C for time < 30 seconds (total thermal budget not to exceed
180 °C for a period from 90 to 150 seconds).
2. Rth are typical values, given when mounted on a 4-layer PCB with vias.
3. Measured in a recommended application circuit with a 1
μF ceramic capacitor + 150 μF low ESR electrolytic capacitor
connected between OUT and GND pins (see Figure 4).
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
VIN
Supply voltage
4.5 to 5.5
V
VDD
Supply voltage
1.7 to 5.5
TA
Ambient operating temperature
-40 to +85
°C
TJ
Junction operating temperature
-40 to +125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com