Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 9Page - STMicroelectronics STCC5011 Datasheet HTML 10Page - STMicroelectronics STCC5011 Datasheet HTML 11Page - STMicroelectronics STCC5011 Datasheet HTML 12Page - STMicroelectronics STCC5011 Datasheet HTML 13Page - STMicroelectronics STCC5011 Datasheet HTML 14Page - STMicroelectronics STCC5011 Datasheet HTML 15Page - STMicroelectronics STCC5011 Datasheet HTML 16Page - STMicroelectronics STCC5011 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
DocID024660 Rev 6
13/37
STCC5011, STCC5021
Application information
37
5.1
Supported modes
For more information refer to Section 5.4: State machine.
The STCC5011/STCC5021 device supports the following modes:
•
SDP BC1.2
•
CDP BC1.2
•
SDP with remote wakeup for all USB devices
•
CDP with remote wakeup for low-speed USB devices with automatic transition to DCP
auto-mode if a full-speed/high-speed USB device attached or after a USB device
detached
•
DCP auto-detect: this mode permits auto-detection of charging modes between DCP
BC1.2 (shorted D+, D-) and divider charging mode. It also supports BlackBerry
charging mode and can charge legacy devices and Korean tablets.
•
Forced DCP BC1.2 mode
•
Forced DCP divider mode
The auto-detect mode starts in divider mode. If a charging negotiation attempt is detected,
there is an automatic transition to DCP BC1.2 mode. It is preceded by a VBUS discharge
pulse to initialize the proper BC1.2 handshake process. If the BC1.2 device is detached, the
circuit automatically returns to divider mode after a 10 s (typ.) timeout.
Note:
From the application point of view it means that after removing one device the user should
wait for approx. 15 s before attaching another device.
Selection between these modes is made through the CTLx control pins. The CTLx pins may
be controlled by the host in different ways:
•
GPIO from the embedded controller
•
Hardware signals from the USB host controller (SLP_S3#, SLP_S4#) and the
AC_adapter signal from the embedded controller
•
Hardware signal SUSPEND from the embedded controller and AC_ADAPTER.
Table 5. Truth table control pins CTLx(1)
Host state
CTL1 CTL2 CTL3
Mode description
0
0
0
Device off, output discharge
S0, S1 (S3)(2)
11
0
SDP
S0, S1, (S3)(2)
1
1
1
CDP BC1.2 with charging detection.
S3, (S0, S1)(2)
0
1
0
SDP with remote wakeup for all USB devices
S3
0
1
1
CDP with remote wakeup for low-speed USB devices / DCP auto-mode
for full-speed or high-speed USB devices or after a USB device detached.
S4, S5
0
0
1
DCP auto-detect mode without remote wakeup, with charging detection
S4, S5
1
0
1
Forced DCP divider mode with charging detection
S4, S5
1
0
0
Forced DCP BC1.2 mode with charging detection
1. On the transition from the CTLx = 111 to CTLx = 001, a synchronous transition of the CTL1 and CTL2 must be ensured.
2. See Section 5.2 for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com