Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 10Page - STMicroelectronics STCC5011 Datasheet HTML 11Page - STMicroelectronics STCC5011 Datasheet HTML 12Page - STMicroelectronics STCC5011 Datasheet HTML 13Page - STMicroelectronics STCC5011 Datasheet HTML 14Page - STMicroelectronics STCC5011 Datasheet HTML 15Page - STMicroelectronics STCC5011 Datasheet HTML 16Page - STMicroelectronics STCC5011 Datasheet HTML 17Page - STMicroelectronics STCC5011 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Application information
STCC5011, STCC5021
14/37
DocID024660 Rev 6
5.2
Remote wakeup in S3
For more information refer to Section 5.4: State machine.
If the CTLx pins are controlled by hardware signals (such as SLP_Sx# or SUSPEND), the
CTLx combination changes when the host transitions from S0 to S3 and back. In this case,
the STCC5011/STCC5021 device can support remote wakeup of portable devices for the
following transitions (i.e. no VBUS discharge pulse and data switch ON):
•
SDP S0 (CTLx = 110) to and from SDP S3 (CTLx = 010) for all USB devices
•
SDP (CTLx = x10) and CDP S0 (CTLx = 111) to and from CDP S3 (CLx = 011) for low-
speed USB devices only.
If the host system is in S3 mode (CTLx = 011), the system automatically turns into DCP
auto-mode for already attached full-speed / high-speed USB devices or after any USB
device is detached. Thus, already attached full-speed / high-speed devices or newly
attached devices are charged without the need of CTLx transition.
If the S0 to S3 transition is managed by GPIO from the embedded controller, the easiest
solution is to keep the same levels on the CTLx pins (SDP or CDP modes). Therefore,
remote wakeup in S3 is supported for all USB devices but the system does not
automatically turn into DCP auto-mode.
5.3
VBUS discharge
The VBUS discharge pulse lasts for 350 ms typ. (tVBUS_REAPP) and is performed for any
transitions between the modes listed inTable 5, except the modes allowing remote wakeup
in S3 [transitions (x10) and (111) to/from (011)].
Permanent output discharge is provided in the following modes:
•
EN = 0, ATTACH_EN = 0, CTLx = xxx (ignored)
•
EN = 1, ATTACH_EN = 0, CTLx = 000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com