Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 13Page - STMicroelectronics STCC5011 Datasheet HTML 14Page - STMicroelectronics STCC5011 Datasheet HTML 15Page - STMicroelectronics STCC5011 Datasheet HTML 16Page - STMicroelectronics STCC5011 Datasheet HTML 17Page - STMicroelectronics STCC5011 Datasheet HTML 18Page - STMicroelectronics STCC5011 Datasheet HTML 19Page - STMicroelectronics STCC5011 Datasheet HTML 20Page - STMicroelectronics STCC5011 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
DocID024660 Rev 6
17/37
STCC5011, STCC5021
Application information
37
Figure 6. Attach and charging detection - Timing diagram
5.6
Charging detection and safety timer
The STCC5011-STCC5021 devices continuously monitor current drawn by the portable
device. While programmed in CDP or DCP mode, the STCC5011-STCC5021 devices send
a charging flag to the system if the current through the USB power switch is above the
charging threshold, set at 20 mA typ.: open drain active low output CHARGING/ATTACH is
asserted.
Note:
In CDP mode the charging flag is asserted only if the CDP handshaking between the
portable device and the host is performed before the current is above threshold.
If the CHARGING/ATTACH output is already asserted because of attachment detection
(while the host is in S4/S5 states or G3 state), this output stays unchanged.
For systems in S5 providing current charge while being battery supplied, there is a safety
timer integrated into the STCC5011-STCC5021 devices. This timer is started only after an
attach event with input ATTACH_EN enabled.
The safety timer is stopped in the following conditions:
•
Charging current below threshold (see Figure 7). The CHARGING/ATTACH output is
deasserted.
•
End of 3 hours (timer expires). The CHARGING/ATTACH output is deasserted.
•
ATTACH_EN transition to 0 (see Figure 8). The CHARGING/ATTACH output is intact
and the charging can continue without any time limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com