Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 18Page - STMicroelectronics STCC5011 Datasheet HTML 19Page - STMicroelectronics STCC5011 Datasheet HTML 20Page - STMicroelectronics STCC5011 Datasheet HTML 21Page - STMicroelectronics STCC5011 Datasheet HTML 22Page - STMicroelectronics STCC5011 Datasheet HTML 23Page - STMicroelectronics STCC5011 Datasheet HTML 24Page - STMicroelectronics STCC5011 Datasheet HTML 25Page - STMicroelectronics STCC5011 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Application information
STCC5011, STCC5021
22/37
DocID024660 Rev 6
5.9
Input and output capacitors
For proper functionality the STCC50x1 device requires 1
μF decoupling ceramic capacitors
CIN, CVDD and COUT (see Figure 4). These capacitors should be placed as close as
possible to the corresponding pins.
The electrolytic capacitor CVBUS (see Figure 4) is required by the USB specification to
suppress the voltage and current transients caused by hot plugging/unplugging the
peripheral devices. This capacitor should be placed as close as possible to the USB
connector. The recommended value is 150
μF, low ESR type is preferred.
If the VIN supply path is longer than approx. 150 mm, an additional capacitor is required to
be connected in parallel to the CIN to suppress VIN overvoltage transients caused by supply
path inductance and fast current changes. The minimum value is 10
μF, low ESR type is
preferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com