Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 8Page - STMicroelectronics STCC5011 Datasheet HTML 9Page - STMicroelectronics STCC5011 Datasheet HTML 10Page - STMicroelectronics STCC5011 Datasheet HTML 11Page - STMicroelectronics STCC5011 Datasheet HTML 12Page - STMicroelectronics STCC5011 Datasheet HTML 13Page - STMicroelectronics STCC5011 Datasheet HTML 14Page - STMicroelectronics STCC5011 Datasheet HTML 15Page - STMicroelectronics STCC5011 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Application information
STCC5011, STCC5021
12/37
DocID024660 Rev 6
5
Application information
The STCC5011 and STCC5021 devices are designed to be implemented into the PC on
a USB port in order to emulate the wall charger adapter when the PC is in standby mode or
OFF, and to allow higher charge current when the USB interface is used for data
communication. In order to handle these functionalities, the STCC5011/STCC5021 devices
rely on USB BC1.2 specifications, Chinese telecommunications industry standard YD/T
1591-2009 and proprietary implementations
•
BC1.2 charging profiles are:
–
CDP: charging downstream port providing data communication plus charging
(active USB data communications with 1.5 A support)
–
SDP: standard downstream port providing data communication with no charging
(active USB 3.0 data communications with 900 mA support or USB 2.0 data
communications with 500 mA support)
–
DCP: dedicated charging port (wall charger emulation with no data communication
and 500 mA to 1.5 A support)
•
Chinese telecommunications standard
–
D+ and D- shorted to allow charging
•
Apple divider mode comes in 2 profiles
–
1 A max. current drawn by Apple iPod, iPhone (STCC5011)
–
2 A max. current drawn by Apple iPad, supporting also Apple iPod and iPhone
(STCC5021)
•
BlackBerry emulator mode
•
Legacy mode (allowing 500 mA charging current)
•
Korean tablet charging mode (D+ and D- shorted and pulled up to a certain voltage)
Figure 4. Typical application diagram
1. CVBUS required by the USB specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com