Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 16Page - STMicroelectronics STCC5011 Datasheet HTML 17Page - STMicroelectronics STCC5011 Datasheet HTML 18Page - STMicroelectronics STCC5011 Datasheet HTML 19Page - STMicroelectronics STCC5011 Datasheet HTML 20Page - STMicroelectronics STCC5011 Datasheet HTML 21Page - STMicroelectronics STCC5011 Datasheet HTML 22Page - STMicroelectronics STCC5011 Datasheet HTML 23Page - STMicroelectronics STCC5011 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Application information
STCC5011, STCC5021
20/37
DocID024660 Rev 6
Figure 10. Reset of CHARGING/ATTACH and 3-hour timer after EN -> 0 event
5.7
Power switch
Overcurrent conditions
When an overcurrent condition is detected, the device maintains a constant output current
and reduces the voltage accordingly. There are two overload conditions:
•
The first one occurs when a short-circuit or a partial short-circuit is already present
when the device is being powered up or enabled. The output voltage is held near zero
potential with respect to ground and the STCC50x1 device ramps the output current to
IOS until the overload condition is removed or the device starts thermal cycle.
•
The second condition is when a short-circuit, a partial short-circuit, or a transient
overload occurs while the device is already enabled and powered-on. The STCC50x1
device responds to the overcurrent condition within time tIOS. The current sense
amplifier is overdriven during this time and momentarily disables the internal current
limit MOSFET. It then recovers and ramps the output current to IOS. Similar to the
previous condition, it limits output current to IOS until the overload condition is removed
or thermal cycle starts.
Thermal protection
The STCC50x1 devices have an internal thermal sensing circuit which monitors the
operating temperature of the circuit. It disables power switch operation if die temperature
exceeds temperature threshold TSTOP, set at 150 °C. The thermal sensor has a hysteresis
of 20 °C. The switch turns on if the temperature has cooled down by 20 °C.
Undervoltage lockout
The UVLO circuit disables the circuit until the input voltage reaches the UVLO turn-on
threshold. Built-in hysteresis prevents unwanted on/off cycling due to input voltage drop
during turn-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com