Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 3Page - STMicroelectronics STCC5011 Datasheet HTML 4Page - STMicroelectronics STCC5011 Datasheet HTML 5Page - STMicroelectronics STCC5011 Datasheet HTML 6Page - STMicroelectronics STCC5011 Datasheet HTML 7Page - STMicroelectronics STCC5011 Datasheet HTML 8Page - STMicroelectronics STCC5011 Datasheet HTML 9Page - STMicroelectronics STCC5011 Datasheet HTML 10Page - STMicroelectronics STCC5011 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
DocID024660 Rev 6
7/37
STCC5011, STCC5021
Electrical characteristics
37
4
Electrical characteristics
Table 4. Electrical characteristics VIN = 4.5 V to 5.5 V, VDD = 1.7 V to 5.5 V, -40 °C < TJ < 125 °C
(unless otherwise specified)
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
Current consumption (VIN domain)
IIN(ACTIVE)
Supply current in active state
(EN = 1)
Mode CDP (111)
110
160
µA
Mode SDP (110 - 010)
100
150
Mode DCP auto-detect (001)
– Divider mode
–BC1.2
260
110
290
180
Mode DCP BC1.2 (100)
110
180
Mode DCP divider (101)
210
290
IIN(DISABLED)
Supply current in disable
state (EN = 0)
CTLx <> 000, OUT floating
0.1
5
µA
CTLx = 000 or OUT grounded,
TJ = 25 °C
0.2
5
TJ = 125 °C
60
Power switch - DC parameters
RON
Static on-resistance
TJ = 25 °C
65
m
Ω
-40 °C < TJ < 125 °C
95
│IREVERSE│
Reverse leakage current in
disabled state (absolute
value)
VOUT = 5.5 V, VIN = 0,
TJ = 25 °C, VEN = 0,
measured at IN
15
µA
TJ = 125 °C, other conditions the
same as above
70
VREVERSE
Reverse voltage protection
threshold (VOUT - VIN)
VUVLO < VIN < VOUT, EN = 1,
power switch ON -> OFF
60
mV
IOS
Current limiter threshold
RILIM = 96 kΩ
340
500
625
mA
RILIM = 33 kΩ
1290 1450 1595
RILIM = 19.6 kΩ
2255 2450 2645
RILIM = 17.2 kΩ
2800
TSTOP
Emergency OFF temperature
140
150
160
°C
THYST
Thermal shutdown hysteresis
20
REN
EN input pull-down resistor
250
k
Ω
VEN
Enable input turn-on, turn-off
threshold voltage
0.4
1.6
V
VHYST(EN)
Enable input turn-on, turn-off
voltage hysteresis
500
mV
VOL(FAULT)
FAULT output low voltage
IFAULT = 1 mA
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com