Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 5Page - STMicroelectronics STCC5011 Datasheet HTML 6Page - STMicroelectronics STCC5011 Datasheet HTML 7Page - STMicroelectronics STCC5011 Datasheet HTML 8Page - STMicroelectronics STCC5011 Datasheet HTML 9Page - STMicroelectronics STCC5011 Datasheet HTML 10Page - STMicroelectronics STCC5011 Datasheet HTML 11Page - STMicroelectronics STCC5011 Datasheet HTML 12Page - STMicroelectronics STCC5011 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
DocID024660 Rev 6
9/37
STCC5011, STCC5021
Electrical characteristics
37
tATTACH
CHARGING/ATTACH
assertion time after attach
detected
25
s
High-speed data switch - DC parameters
RON
Data switch on-resistance
Switch closed, VIN = 5 V,
IS = 8 mA, test voltage on
DP_OUT, DM_OUT = 0.4 V
2.5
4
Ω
RON
Data switch on-resistance
Switch closed, VIN = 5 V,
IS = 8 mA, test voltage on
DP_OUT, DM_OUT = 3 V
2.7
4
IOFF
OFF state leakage current
VEN = 0 V, VDP/DM_IN = 3.6 V,
VDP/DM_OUT = 0 V, measure
IDP/DM_OUT
1.5
µA
High-speed data switch - AC parameters(1)
XTALK
DP, DM crosstalk
RTERM = 50 Ω, CLOAD = 5 pF,
VS = 1 Vrms, signal = 0 dBm,
f = 250 MHz
47
dB
OIRR
OFF state isolation
RTERM = 50 Ω, CLOAD = 5 pF,
VS = 1 Vrms, signal = 0 dBm,
f = 250 MHz
17
Bw
Bandwidth -3 dB
RTERM = 50 Ω, CLOAD = 5 pF,
signal = 0 dBm
1100
MHz
Charger emulator - BC1.2 DCP mode
RDCP_RES
DP_IN to DM_IN short
resistance
CTLx configured for DCP BC1.2
100
170
Ω
Charger emulator - divider mode
VDM_1A
DM_IN output voltage
STCC5011, device set to DCP
auto-detect mode or divider
mode, VIN = 5.0 V
2.65
2.7
2.75
V
VDP_1A
DP_IN output voltage
1.96
2
2.04
RDM_1A
DM_IN output resistance
STCC5011, device set to DCP
auto-detect mode or divider
mode, VIN = 5.0 V
27
k
Ω
RDP_1A
DP_IN output resistance
27
VDM_2A
DM_IN output voltage
STCC5021, device set to DCP
auto-detect mode or divider
mode, VIN = 5.0 V
1.96
2
2.04
V
VDP_2A
DP_IN output voltage
2.65
2.7
2.75
Table 4. Electrical characteristics VIN = 4.5 V to 5.5 V, VDD = 1.7 V to 5.5 V, -40 °C < TJ < 125 °C
(unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com