Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 7Page - STMicroelectronics STCC5011 Datasheet HTML 8Page - STMicroelectronics STCC5011 Datasheet HTML 9Page - STMicroelectronics STCC5011 Datasheet HTML 10Page - STMicroelectronics STCC5011 Datasheet HTML 11Page - STMicroelectronics STCC5011 Datasheet HTML 12Page - STMicroelectronics STCC5011 Datasheet HTML 13Page - STMicroelectronics STCC5011 Datasheet HTML 14Page - STMicroelectronics STCC5011 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
DocID024660 Rev 6
11/37
STCC5011, STCC5021
Electrical characteristics
37
Figure 3. Timing waveforms
Charger emulator - charging indication
IOUT_TH
Output current threshold for
charging detection
DCP mode, CDP mode
20
mA
VOL(CHARGING/ATTACH)
CHARGING/ATTACH output
low voltage
Charging detected
(IOUT > IOUT_TH) and charging
time in S5 < tEOCH (end of
charge safety timer),
ICHARGING/ATTACH = 1 mA
180
mV
IOL(CHARGING/ATTACH)
CHARGING/ATTACH output
leakage current
VDD = 5.5 V, VIN = 5.5 V,
VCHARGING/ATTACH = 5 V
1µA
Charger emulator - safety timer(1)
tEOCH
Charging timeout after attach
detection
From IOUT > IOUT_TH after attach
detection to
CHARGING/ATTACH
deasserted
3
hours
1. Guaranteed by design. Not tested in production.
Table 4. Electrical characteristics VIN = 4.5 V to 5.5 V, VDD = 1.7 V to 5.5 V, -40 °C < TJ < 125 °C
(unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com