Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 12Page - STMicroelectronics STCC5011 Datasheet HTML 13Page - STMicroelectronics STCC5011 Datasheet HTML 14Page - STMicroelectronics STCC5011 Datasheet HTML 15Page - STMicroelectronics STCC5011 Datasheet HTML 16Page - STMicroelectronics STCC5011 Datasheet HTML 17Page - STMicroelectronics STCC5011 Datasheet HTML 18Page - STMicroelectronics STCC5011 Datasheet HTML 19Page - STMicroelectronics STCC5011 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Application information
STCC5011, STCC5021
16/37
DocID024660 Rev 6
5.5
Attach detection
The STCC5011-STCC5021 can detect peripheral device attachments when the host system
is in S4/S5 deep sleep states or in G3 shutdown state.
In these states, when no peripheral device is attached, the host system can save power by
switching off the high-power DC-DC converter and switching on a low-power LDO on the IN pin of
the device. When an attach event is detected, the device asserts the CHARGING/ATTACH
output allowing the host system to turn off the low power LDO and turn on the high power DC-
DC converter and start charging.
The attach detection feature is enabled with the combination of logic low level on EN and
logic high on ATTACH_EN (see Table 6). The devices already attached when activating the
attach detection circuit (EN = 0, ATTACH_EN = 1) are ignored and their current consumption is
limited to 500 μA. Only devices attached after activation of the attach detection circuit are
detected.
The attach detection block is supplied by the VDD power supply pin. It has a very low
consumption (12 µA typ.) and accepts a wide supply voltage range (1.7 V up to 5.5 V). The
VDD power supply must be provided by a dedicated low power LDO.
The attach detector monitors voltage drop across a bypass switch between VDD and the
OUT pin. The bypass switch is enabled only when the attach detector is turned on. This
voltage drop is caused either by the supply current of the attached device or by inrush
current for charging device internal capacitors.
The open drain active low output CHARGING/ATTACH is asserted upon device detection,
alerting the host system of device attachment. It stays asserted for the tATTACH delay
(25 s typically). During this time, the host system may switch the IN pin from low power LDO
to 5 V high-power supply and set proper CTLx configuration (see Figure 6).
The attached device can start charging keeping CHARGING/ATTACH asserted. If charging
does not occur, the flag is deasserted after the tATTACH (the attached device removed or
charging current drops below threshold or safety timer expires - see Section 5.6).
The supply voltage of the low-power LDO connected to the IN pin, when the system is in
power saving mode, must not be lower than the VDD power supply voltage level and must
not be greater than 5.5 V.
Table 6. Attach detector truth table
ATTACH_EN
EN
Attach detector
0x
OFF
11
OFF
10
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com