Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 6Page - STMicroelectronics STCC5011 Datasheet HTML 7Page - STMicroelectronics STCC5011 Datasheet HTML 8Page - STMicroelectronics STCC5011 Datasheet HTML 9Page - STMicroelectronics STCC5011 Datasheet HTML 10Page - STMicroelectronics STCC5011 Datasheet HTML 11Page - STMicroelectronics STCC5011 Datasheet HTML 12Page - STMicroelectronics STCC5011 Datasheet HTML 13Page - STMicroelectronics STCC5011 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical characteristics
STCC5011, STCC5021
10/37
DocID024660 Rev 6
RDM_2A
DM_IN output resistance
STCC5021, device set to DCP
auto-detect mode or divider
mode, VIN = 5.0 V
27
k
Ω
RDP_2A
DP_IN output resistance
27
Charger emulator - BC1.2 CDP mode
VDM_SRC
Voltage source on DM_IN for
CDP detection
VDP_IN = 0.6 V, device in CDP
BC1.2 mode
0.5
0.6
0.7
V
VDAT_REF
DP_IN rising voltage
threshold to turn on VDM_SRC
IDM_IN = -250 µA, device in CDP
BC1.2 mode
0.25 0.32
0.4
VDAT_REF_HYST
VDAT_REF hysteresis
40
mV
VLGC_SRC
DP_IN rising voltage
threshold to turn off VDM_SRC
0.8
1
V
VLGC_SRC_HYST
VLGC_SRC hysteresis
40
mV
IDP_SINK
DP_IN sink current
0.4 < VDP_IN < 0.8 V, device in
CDP BC1.2 mode
50
75
150
µA
Charger emulator - timings
tCHG_DGL_ON
Charging indication ON
deglitch delay
From IOUT > IOUT _TH to
CHARGING/ATTACH asserted
0.5
s
tCHG_DGL_OFF
Charging indication OFF
deglitch delay
From IOUT < IOUT_TH to
CHARGING deasserted
5
tVDM_SRC_ON
DM_IN voltage source turn-
on time
From VDP_IN 0 V -> 0.6 V
to VDM_IN = VDM_SRC, CTLx
configured for CDP BC1.2
8
ms
tVDM_SRC_OFF
DM_IN voltage source turn-
off time
From VDP_IN 0.6 V -> 0 V to
VDM_IN = 0 V, CTLx configured
for CDP BC1.2
1.3
tVBUS_REAPP
OUT discharge pulse width
From VOUT falling to 0.7 V during
discharge to VOUT returning to
90%.
300
350
400
Charger emulator - control pins CTLx
VCTLx
CTLx pins threshold voltage
0.4
1.6
V
VHYST(CTLx)
Hysteresis voltage on CTLx
pins
500
mV
ICTLx
Leakage current
VDD = 5.5 V, VIN = 5.5 V,
VCTLx = 0 V or 5 V
-1
1
µA
Table 4. Electrical characteristics VIN = 4.5 V to 5.5 V, VDD = 1.7 V to 5.5 V, -40 °C < TJ < 125 °C
(unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com