Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 29Page - STMicroelectronics STCC5011 Datasheet HTML 30Page - STMicroelectronics STCC5011 Datasheet HTML 31Page - STMicroelectronics STCC5011 Datasheet HTML 32Page - STMicroelectronics STCC5011 Datasheet HTML 33Page - STMicroelectronics STCC5011 Datasheet HTML 34Page - STMicroelectronics STCC5011 Datasheet HTML 35Page - STMicroelectronics STCC5011 Datasheet HTML 36Page - STMicroelectronics STCC5011 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Package information
STCC5011, STCC5021
34/37
DocID024660 Rev 6
Figure 31. VFQFPN 16L - 3 x 3 x 0.8 mm with exposed pad 1.7 - recommended footprint
Table 7. VFQFPN 16L - 3 x 3 x 0.8 mm with exposed pad 1.7 - package mechanical data(1), (2), (3), (4)
Symbol
Dimensions
Notes
Data book (mm)
Nom.
Min.
Max.
A
0.75
0.70
0.80
A1
0.02
0
0.05
A3
0.20
b
0.25
0.18
0.30
D
3
2.90
3.10
D2
1.70
1.50
1.80
E
3
2.90
3.10
E2
1.70
1.50
1.80
e
0.50
L
0.40
0.30
0.50
(5)
1. VFQFPN - standard for “thermally enhanced very thin fine pitch quad flat package no leads”.
2. The lead size is comprehensive of the thickness of the lead finishing material.
3. Dimensions do not include mold protrusion, not to exceed 0.15 mm.
4. Package outline exclusive of metal burr dimensions.
5. The value of “L” a JEDEC norm is min. 0.35 – max. 0.45.
AM00951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com