Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 4Page - STMicroelectronics STCC5011 Datasheet HTML 5Page - STMicroelectronics STCC5011 Datasheet HTML 6Page - STMicroelectronics STCC5011 Datasheet HTML 7Page - STMicroelectronics STCC5011 Datasheet HTML 8Page - STMicroelectronics STCC5011 Datasheet HTML 9Page - STMicroelectronics STCC5011 Datasheet HTML 10Page - STMicroelectronics STCC5011 Datasheet HTML 11Page - STMicroelectronics STCC5011 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Electrical characteristics
STCC5011, STCC5021
8/37
DocID024660 Rev 6
IOL(FAULT)
FAULT output leakage
current
VIN = 5.5 V, VDD = 5.5 V,
VFAULT = 5 V
1µA
tFAULT
FAULT output deglitch delay
FAULT assertion / deassertion
delay in overcurrent condition
79
12
ms
VUVLO
Undervoltage lockout
VIN rising
3.9
4.1
4.3
V
VHYST(UVLO)
Undervoltage lockout
hysteresis
TJ = 25 °C
100
mV
Power switch - AC parameters(1)
tON
Turn-on, EN to OUT delay
CLOAD = 1 µF, RLOAD = 100 Ω
0.8
ms
tOFF
Turn-off, EN to OUT delay
0.3
tR
OUT (VBUS) rise time
CLOAD = 1 µF, RLOAD = 100 Ω
0.4
tF
OUT (VBUS) fall time
CLOAD = 1 µF, RLOAD = 100 Ω
0.2
tIOS
Current limiter response time
to short-circuit
VIN = 5.5 V
3.5
µs
Output discharge
RDISCHARGE
Discharge resistor
ATTACH_EN = EN = 0
140
200
300
Ω
Attach detector
VDD
Supply voltage
1.7
5.5
V
IDD(ACTIVE)
Supply current in active state
VDD = 1.7 V to 5.5 V, VEN = 0,
VATTACH_EN = VDD, TJ = 25 °C
15
30
µA
IDD(DISABLED)
Supply current in disabled
state
VDD = 1.7 to 5.5 V, VEN = 0,
VATTACH_EN = 0
0.1
3
│IATT_REVERSE│
Detector switch reverse
current (VOUT to VDD)
(absolute value)
VDD = 0, VOUT = 5.5 V,
IN floating, measured at VDD
0.1
3
RON_ATT
Static on-resistance VDD to
VOUT
TJ = 25 °C
100
Ω
VATTACH_EN
Enable input turn-on, turn-off
threshold voltage
0.4
1.6
V
VHYST(ATTACH_EN)
Enable input threshold
hysteresis
500
mV
IATTACH_EN
ATTACH_EN input leakage
current
VDD = 5.5 V, VIN = 5.5 V,
VATTACH_EN = 0 V or 5 V
-1
1
µA
VOL(CHARGING/ATTACH)
CHARGING/ATTACH output
low voltage
Device attachment detected,
ICHARGING/ATTACH = 1 mA
180
mV
IOL(CHARGING/ATTACH)
CHARGING/ATTACH output
leakage current
VIN = 5.5 V, VDD = 5.5 V,
VCHARGING/ATTACH = 5 V
1µA
Table 4. Electrical characteristics VIN = 4.5 V to 5.5 V, VDD = 1.7 V to 5.5 V, -40 °C < TJ < 125 °C
(unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com