Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 3 Page - STMicroelectronics

  STCC5011 Datasheet HTML 1Page - STMicroelectronics STCC5011 Datasheet HTML 2Page - STMicroelectronics STCC5011 Datasheet HTML 3Page - STMicroelectronics STCC5011 Datasheet HTML 4Page - STMicroelectronics STCC5011 Datasheet HTML 5Page - STMicroelectronics STCC5011 Datasheet HTML 6Page - STMicroelectronics STCC5011 Datasheet HTML 7Page - STMicroelectronics STCC5011 Datasheet HTML 8Page - STMicroelectronics STCC5011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
DocID024660 Rev 6
3/37
STCC5011, STCC5021
Functional description
37
1
Functional description
The STCC5011 and STCC5021 devices integrate, in one package, a complete solution to
charge portable devices through USB ports. Functions include:
•
Charger emulator compatible with USB battery charging BC1.2 standard, Chinese
telecommunications standard YD/T 1591-2009 and proprietary chargers such as
Apple® divider mode, BlackBerry® and Korean tablet charging mode.
•
The Apple divider mode comes in 2 profiles:
–
1 A max. current drawn: for Apple iPod®, iPhone® (STCC5011)
–
2 A max. current drawn: for Apple iPad®, supporting also Apple iPod and iPhone
(STCC5021)
•
3 control pins, CTL1, CTL2, CTL3 allowing the host to select the emulation profile.
These pins may be controlled directly from the host USB controller or from the
embedded controller.
•
USB data switch with wide bandwidth up to 1100 MHz compliant with USB 2.0
standard. This wide bandwidth switch features low capacitance and low RON
resistance, allowing signals to pass with minimum edge and phase distortion.
•
N-channel power switch with low RON resistance of 65 mΩ typ., high current limiter
accuracy and high current output capability, 2.5 A typ. The current limit threshold can
be adjusted with a good accuracy by an external resistor in the range 500 mA to 2.8 A.
Constant current mode protection is used to protect the device and the host system
against overcurrent or short-circuit. Other protection includes reverse current and
reverse voltage protection, undervoltage lockout and thermal shutdown.
•
A deglitched output (FAULT) reporting the failure events of overcurrent, thermal
shutdown and reverse current (backdrive) to VIN.
•
Charging current sensing circuit. The output CHARGING/ATTACH is asserted if
charging current is above 20 mA in CDP and DCP modes.
In CDP mode the charging flag is asserted only if the CDP handshaking between the
portable device and the host is performed before the current is above the threshold.
Moreover, in S4/S5 power states and battery supplied, there is an additional safety
timer to stop the charging process when the “end of charge” timeout is reached. This
timer is started only after a device attachment event and can be disabled by toggling
the pin ATTACH_EN to low if the timer is not wanted.
If the timeout or current is below the threshold, the signal CHARGING/ATTACH is
deasserted: in both cases, the host system can disable the high power DC-DC
converter and therefore reduce power consumption. This is crucial when the host is
battery supplied.
•
Attach detector circuit to monitor device attachment.
This circuit is enabled by driving the ATTACH_EN pin high and EN low. When a device
attachment is detected, the output CHARGING/ATTACH is asserted for a tATTACH
period (25 s typ.). The attach detection block is supplied by the VDD power supply pin.
•
An enable input (EN) to enable/disable the device, except the attach detection switch
which is also managed by the ATTACH_EN input.
The device is offered in a small, RoHS-compliant VFQFPN 16L (3 x 3 x 0.8 mm) package
with an exposed pad for effective cooling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com