Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5011 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 1 Page - STMicroelectronics

  STCC5011 Datasheet HTML 1Page - STMicroelectronics STCC5011 Datasheet HTML 2Page - STMicroelectronics STCC5011 Datasheet HTML 3Page - STMicroelectronics STCC5011 Datasheet HTML 4Page - STMicroelectronics STCC5011 Datasheet HTML 5Page - STMicroelectronics STCC5011 Datasheet HTML 6Page - STMicroelectronics STCC5011 Datasheet HTML 7Page - STMicroelectronics STCC5011 Datasheet HTML 8Page - STMicroelectronics STCC5011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
This is information on a product in full production.
August 2014
DocID024660 Rev 6
1/37
STCC5011, STCC5021
USB charging controller with integrated power switch and attach
detector
Datasheet
- production data
Features
• Compliant with USB charging specifications
BC1.2, USB 2.0 and USB 3.0 standards
• Compliant with Chinese telecommunications
industry standard YD/T 1591-2009
• Compatible with proprietary charging mode
(Apple® 1 A / 2 A, BlackBerry®, Korean tablets)
• Wide bandwidth, low-loss USB 2.0 data switch
• Integrated VBUS power switch with low RON of
65 m
Ω
• Constant current mode overcurrent protection
• Soft-start to limit inrush current
• Adjustable current limit up to 2.8 A
• Short-circuit, thermal and undervoltage
protection
• Reverse voltage and reverse current protection
• Deglitched fault reporting output
• Supports remote wakeup in S3
• Charging indication output in DCP and CDP
modes
• 3-hour safety counter for charging in S5
• Device attachment detection in G3 state
• Available in VFQFPN 16L
3 x 3 x 0.8 mm package with exposed pad
• Temperature range: -40 up to 85 °C
• UL and CB recognized components
(UL file number: E354278)
Applications
• USB ports/hubs
• Personal computers, all-in-one PCs
• Monitors
• Notebooks, ultrabooks
• Tablet PCs
• Universal wall charging adapters
Description
The STCC5011/STCC5021 device integrates, in
one package, a USB charger controller, a wide
bandwidth data switch and a high current power
switch. The device emulates several profiles
compatible with the USB battery charging
standard BC1.2, Chinese telecommunications
standard YD/T 1591-2009 and proprietary
charger modes.
The device can detect peripheral device
attachment when the host is in S4/S5 deep
sleep/off states or in G3 shutdown state. It asserts
the CHARGING/ATTACH output after the attach
event, allowing the host to turn on the high power
DC-DC converter and start charging.
This device also asserts the CHARGING/ATTACH
output in DCP modes if the charging current is
above the threshold. In CDP mode, it asserts the
CHARGING/ATTACH output after the CDP
negotiation if the charging current is above the
threshold.
After the current drops below the threshold, the
output is deasserted. This allows the host to turn
off the high power DC-DC converter and reduce
overall consumption in S4/S5 or in G3 states
which is critical when the host is battery-supplied.
These two features permit the host system to
reduce consumption while no device is attached
or when there is no charging.
VFQFPN 16L - 3 x 3 x 0.8 mm
www.st.com


Similar Part No. - STCC5011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCC02-E STMICROELECTRONICS-STCC02-E Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
05-Dec-2004
STCC02-ED5 STMICROELECTRONICS-STCC02-ED5 Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
05-Dec-2004
STCC05-B STMICROELECTRONICS-STCC05-B Datasheet
226Kb / 13P
HOME APPLIANCE CONTROL CIRCUIT
05-Oct-2004
STCC05-BD4 STMICROELECTRONICS-STCC05-BD4 Datasheet
226Kb / 13P
HOME APPLIANCE CONTROL CIRCUIT
05-Oct-2004
STCC08 STMICROELECTRONICS-STCC08 Datasheet
258Kb / 13P
AC switch failure mode detector
20-Mar-2008
More results

Similar Description - STCC5011

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59884C0120A070 EPCOS-B59884C0120A070 Datasheet
69Kb / 3P
Overcurrent Protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
Overcurrent protection
logo
Texas Instruments
INA300 TI1-INA300_16 Datasheet
1Mb / 41P
Overcurrent-Protection, Current-Sense Comparator
logo
Mean Well Enterprises C...
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
CONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H MEANWELL-HLG-480H Datasheet
326Kb / 13P
CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
ODLC-45 MEANWELL-ODLC-45 Datasheet
187Kb / 6P
CONSTANT CURRENT MODE OUTPUT
logo
ETA-USA
TGS150 ETA-USA-TGS150 Datasheet
1Mb / 3P
150W Constant Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com